Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR1075 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR1075
Description  Firebeetle 2 Board ESP32-C6 Microcontroller Wiki - DFRobot
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1075 Datasheet(HTML) 2 Page - DFROBOT

  DFR1075 Datasheet HTML 1Page - DFROBOT DFR1075 Datasheet HTML 2Page - DFROBOT DFR1075 Datasheet HTML 3Page - DFROBOT DFR1075 Datasheet HTML 4Page - DFROBOT DFR1075 Datasheet HTML 5Page - DFROBOT DFR1075 Datasheet HTML 6Page - DFROBOT DFR1075 Datasheet HTML 7Page - DFROBOT DFR1075 Datasheet HTML 8Page - DFROBOT DFR1075 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Excellent power system for convenient device power supply
FireBeetle 2 ESP32-C6 integrates lithium battery charging management, allowing the lithium battery to be
charged via Type-C, 5V DC, and solar panels. Solar charging solves the problem of deploying devices in
scenarios without power lines, such as balconies, windows, and rooftops. FireBeetle 2 ESP32-C6 uses the
same solar power management chip as the Solar Power Manager 5V (https://www.dfrobot.com/product-
1712.html) and has a maximum power point tracking MPPT algorithm that can maximize the output power of
the solar panel under various lighting conditions.FireBeetle 2 ESP32-C6 also supports battery level
monitoring to take measures when the battery is low, ensuring continuous device operation.
If you encounter difficulties with programming, please refer to the FAQ
(https://wiki.dfrobot.com/SKU_DFR1075_FireBeetle_2_Board_ESP32_C6#target_9) section.
Features
Equipped with the ESP32-C6 chip, it supports communication protocols including Wi-Fi, BLE, Zigbee,
and Thread.
Supports Wi-Fi 6 protocol for lower latency and lower power consumption.
Solar charging enables deployment without the need for power lines.
Battery level detection allows monitoring of device battery information.
Ultra-low power consumption with deep sleep at 16uA.
Onboard GDI interface for easy connection to screens.
Specification
Basic Parameters
Operating Voltage: 3.3V
Type-C Input Voltage: 5V DC
VCC Input Voltage: 5V DC or 4.5-6V Solar Panel
Introduction
Features
Specification
Board Overview
Pin Diagram
Tutorial - First Time Use
Basic Tutorial
Advanced Tutorial
Tutorial for MicroPython
FAQ
More Documents
2024/5/14 19:08
Firebeetle 2 Board ESP32-C6 Microcontroller Wiki - DFRobot
https://wiki.dfrobot.com/SKU_DFR1075_FireBeetle_2_Board_ESP32_C6
2/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com