Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX-Z11FA-R Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EX-Z11FA-R
Description  Ultra-minute Photoelectric Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EX-Z11FA-R Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EX-Z11FA-R Datasheet HTML 1Page - Panasonic Semiconductor EX-Z11FA-R Datasheet HTML 2Page - Panasonic Semiconductor EX-Z11FA-R Datasheet HTML 3Page - Panasonic Semiconductor EX-Z11FA-R Datasheet HTML 4Page - Panasonic Semiconductor EX-Z11FA-R Datasheet HTML 5Page - Panasonic Semiconductor EX-Z11FA-R Datasheet HTML 6Page - Panasonic Semiconductor EX-Z11FA-R Datasheet HTML 7Page - Panasonic Semiconductor EX-Z11FA-R Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Type
Appearance
Sensing range
Model No. (Note)
Output
operation
NPN output
PNP output
EX-Z11FA
EX-Z11FA-P
Light-ON
EX-Z11FB
EX-Z11FB-P
Dark-ON
EX-Z12FA
EX-Z12FA-P
Light-ON
EX-Z12FB
EX-Z12FB-P
Dark-ON
EX-Z13FA
EX-Z13FA-P
Light-ON
EX-Z13FB
EX-Z13FB-P
Dark-ON
EX-Z11FA-R
EX-Z11FA-P-R
Light-ON
EX-Z11FB-R
EX-Z11FB-P-R
Dark-ON
EX-Z12FA-R
EX-Z12FA-P-R
Light-ON
EX-Z12FB-R
EX-Z12FB-P-R
Dark-ON
EX-Z13FA-R
EX-Z13FA-P-R
Light-ON
EX-Z13FB-R
EX-Z13FB-P-R
Dark-ON
EX-Z11A
EX-Z11A-P
Light-ON
EX-Z11B
EX-Z11B-P
Dark-ON
EX-Z12A
EX-Z12A-P
Light-ON
EX-Z12B
EX-Z12B-P
Dark-ON
EX-Z13A
EX-Z13A-P
Light-ON
EX-Z13B
EX-Z13B-P
Dark-ON
EX-Z11A-R
EX-Z11A-P-R
Light-ON
EX-Z11B-R
EX-Z11B-P-R
Dark-ON
EX-Z12A-R
EX-Z12A-P-R
Light-ON
EX-Z12B-R
EX-Z12B-P-R
Dark-ON
EX-Z13A-R
EX-Z13A-P-R
Light-ON
EX-Z13B-R
EX-Z13B-P-R
Dark-ON
ORDER GUIDE
Note: Mounting bracket is not supplied with the sensor. Please select from the range of optional sensor mounting brackets
(
MS-EXZ-□).
Note: The model No. with “
E” shown on the label affixed to the thru-beam type sensor is the emitter, “D” shown on the label is the receiver.
Designation
Model No.
Description
Sensor mounting
bracket
MS-EXZ-1
L-shaped mounting bracket (SUS304) for front sensing and side sensing types
(2 sets are required)
MS-EXZ-2
Mounting bracket (SUS304) for front sensing type
(2 sets are required)
MS-EXZ-3
Mounting bracket (SUS304) for side sensing type
(2 sets are required)
Spacer for
mounting at the
back
MS-EXZ-4
Spacer for mounting at the back (polyacetal) for front sensing type
Sensor mounting bracket
OPTIONS
50 mm 1.969 in
200 mm 7.874 in
500 mm 19.685 in
50 mm 1.969 in
200 mm 7.874 in
500 mm 19.685 in
• MS-EXZ-1
Material: Stainless steel
(SUS304)
Two M2 (length 4 mm
0.157 in) pan head screws
and two M2 (length 8 mm
0.315 in) pan head screws
are attached.
Material: Stainless steel
(SUS304)
Two M2 (length 4 mm
0.157 in) pan head screws
are attached.
Material: Stainless steel
(SUS304)
Two M2 (length 8 mm
0.315 in) pan head screws
are attached.
Material: Polyacetal
M2 (length: 10 mm 0.394 in)
screws, nuts, spring
washers and flat washers
are attached. (20 pieces
each)
• MS-EXZ-2
• MS-EXZ-3
50 mm 1.969 in
200 mm 7.874 in
500 mm 19.685 in
50 mm 1.969 in
200 mm 7.874 in
500 mm 19.685 in
• MS-EXZ-4
Spacer for mounting at the back
4
Ultra-minute Photoelectric Sensor
EX-Z SERIES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com