Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX-Z11FA-R Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # EX-Z11FA-R
Description  Ultra-minute Photoelectric Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EX-Z11FA-R Datasheet(HTML) 8 Page - Panasonic Semiconductor

  EX-Z11FA-R Datasheet HTML 1Page - Panasonic Semiconductor EX-Z11FA-R Datasheet HTML 2Page - Panasonic Semiconductor EX-Z11FA-R Datasheet HTML 3Page - Panasonic Semiconductor EX-Z11FA-R Datasheet HTML 4Page - Panasonic Semiconductor EX-Z11FA-R Datasheet HTML 5Page - Panasonic Semiconductor EX-Z11FA-R Datasheet HTML 6Page - Panasonic Semiconductor EX-Z11FA-R Datasheet HTML 7Page - Panasonic Semiconductor EX-Z11FA-R Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MS-EXZ-3
Sensor mounting bracket (Optional)
MS-EXZ-4
Spacer for mounting at the back (Optional)
7.5
0.295
17.7 0.697
3.2
0.126
1.4
0.055
6.8
0.268
9.9
0.390
3.5
0.138
2-M2 × 0.4 0.016
thru-hole threads
4.5
0.177
2.8 0.110
3.5 0.138
1.7 0.067
2-
ø2.2 ø0.087
Material: Stainless steel (SUS304)
Two M2 (length 8 mm 0.315 in) pan head screws are attached.
Material: Polyacetal
Set of 10 pieces
M2 (length: 10 mm 0.394 in) screws, nuts, spring washers
and flat washers are attached. (20 pieces each)
DIMENSIONS (Unit: mm in)
The CAD data can be downloaded from the website.
EX Family Products
• Only 3.5 mm 0.138 in thick
• Long sensing range of 1 m 3.281 ft
• High speed response of 0.5 ms
• Equipped with sensitivity adjuster
• Long sensing range of 2 m 6.562 ft
• Red spotlight for easy confirmation of
sensing point
• Simple design with sensing axis
corresponding with mounting hole
• Can be installed using the same thread
size (M4 for thru-beam type, M6 for
reflective type) as that of standard fiber
Ultra-thin dimension
Easy installation with M3 screws
One-point mounting
EX-10SERIES Ver.2
Ultra-slim Photoelectric Sensor Amplifier Built-in
EX-20SERIES Ver.2
Ultra-compact Photoelectric Sensor Amplifier Built-in
EX-30SERIES Ver.2
Threaded Miniature Photoelectric Sensor Amplifier Built-in
Disclaimer
The applications described in the catalog are all intended for examples only. The purchase of our products described in the catalog shall not be regarded as
granting of a license to use our products in the described applications. We do NOT warrant that we have obtained some intellectual properties, such as patent
rights, with respect to such applications, or that the described applications may not infringe any intellectual property rights, such as patent rights, of a third party.
Please contact:
2431-1 Ushiyama-cho, Kasugai-shi, Aichi, 486-0901, Japan
Global Sales Department
■Telephone: +81-568-33-7861 ■Facsimile: +81-568-33-8591
panasonic.net/id/pidsx/global
All Rights Reserved ©
2015
Specifications are subject to change without notice.
Printed in Japan
No. CE-EXZ-10 July, 2015
Ultra-minute Photoelectric Sensor
EX-Z SERIES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com