Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1331 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST1331
Description  6-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1331 Datasheet(HTML) 2 Page - STMicroelectronics

  ST1331 Datasheet HTML 1Page - STMicroelectronics ST1331 Datasheet HTML 2Page - STMicroelectronics ST1331 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ST1331, ST1333, ST1353
2/3
Figure 2. Memory Map
Note: 1. The write-only RAM area (RN) is applicable only for the User Configuration.
AI03384
Anti-Tearing Flags
User-Defined Area
Signature
Fuses
Unused
Reserved Area
(RA)
Reserved Area (RA)
Certificate (CER)
Data Area (CD)
(Counters and
Transport Code)
Issuer-Defined Area
(ST1331)
Authentication
Secret Key (SK)
(ST1333, ST1353)
Card Identification
Area (ID)
Circuit
Identification Area
0
16
64
104
112
128
192
256
260
264
288
320
376
56 bits
4 bits
4 bits
24 bits
32 bits
64 bits
16 bits
8 bits
40 bits
48 bits
16 masked bits
RAM1 (Write-Only)
(RN)
(ST1333, ST1353)
0
32
32 bits
a byte-wise fashion for internal erasing. An on-chip
address counter provides an internal address
space of up to 512 bits.
Each member of the ST1331/1333/1353 family
has an identification data area, unit-counters (with
an anti-tearing mechanism for reliable usage in
open readers), a post validation certificate, an
issuer area (ST1331) or an authentication secret
key area (ST1333/1353), and a user area. This is
summarized in Figure 2.
The validation certificate allows the recognition of
the device by the appropriate security module.
The anti-tearing mechanism guards against extra,
spurious count signals being executed when the



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com