Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1331 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1331
Description  6-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1331 Datasheet(HTML) 1 Page - STMicroelectronics

  ST1331 Datasheet HTML 1Page - STMicroelectronics ST1331 Datasheet HTML 2Page - STMicroelectronics ST1331 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
DATA BRIEFING
October 1999
Complete data available under NDA.
ST1331, ST1333
ST1353
6-Contact Memory Card IC
272-bit EEPROM with Advanced Security Mechanisms
s
5 V Single Supply Voltage
s
Counting Capability (two options)
– up to 32767 (85 -1)
– 8 times reloadable, up to 4095 (84-1)
s
Active Authentication Function (ST1333/1353)
s
Cipher Block Chaining Function (ST1353)
s
Memory Divided into :
– 16 bits of Circuit Identification
– 48 bits of Card Identification
– 40 bits of Count Data
– 16 bits for Validation Certificate
– 24 bits of Transport Code
– 64 bits
of
Issuer
Data
(ST1331)
or
Authentication Secret Key (ST1333/1353)
– 32 bits of Anti-tearing Flags (optional)
– 56 bits of User data (optionally not erasable)
s
1 Million Erase/Write Cycle (minimum)
s
10 Year Data Retention (minimum)
s
3.5 ms Programming Time at 5 V (typical)
s
500
µA Supply Current at 5 V (typical)
s
250
µA Stand-by Current at 5 V (typical)
DESCRIPTION
The members of the ST1331/1333/1353 family are
principally designed for use in prepaid Phonecard
applications. Each is a 272-bit EEPROM device,
with associated security logic and special fuses to
control memory access. The memory is arranged
as a matrix of 34 x 8 cells, accessed in a serial bit-
wise fashion for reading and programming, and in
Figure 1. Logic Diagram
AI03105b
RST
VCC
ST1331
ST1333
ST1353
GND
I/O
CLK
B
Table 1. Signal Names
CLK
Clock
RST
Function code
B
I/O
Data Input / Output
VCC
Supply Voltage
GND
Ground
Micromodule
(D10)
Wafer


Similar Part No. - ST1331

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1331 STMICROELECTRONICS-ST1331 Datasheet
277Kb / 13P
Memory Micromodules General Information for D1, D2 and C Packaging
Dec-1999
More results

Similar Description - ST1331

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1200 STMICROELECTRONICS-ST1200 Datasheet
24Kb / 2P
Memory Card IC 256 bit OTP EPROM with Lock-Out
Oct-1999
ST1305B STMICROELECTRONICS-ST1305B Datasheet
30Kb / 2P
Memory Card IC 192 bit High Endurance EEPROM With Secure Logic Access Control
Oct-1999
ST1335 STMICROELECTRONICS-ST1335 Datasheet
36Kb / 3P
5-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms
Oct-1999
logo
Microchip Technology
PIC16CE62X MICROCHIP-PIC16CE62X Datasheet
2Mb / 108P
OTP 8-Bit CMOS MCU with EEPROM Data Memory
1998
logo
List of Unclassifed Man...
IZ4436 ETC-IZ4436 Datasheet
26Kb / 2P
Intelligent 221-Bit EEPROM Counter for > 20000 Units with Security Logic and High Security Authentication
logo
STMicroelectronics
ST1335D STMICROELECTRONICS-ST1335D Datasheet
121Kb / 4P
5-Contact Memory Card IC 272-bit EEPROM With Advanced Security Mechanisms and Inlock System
Jun-2000
logo
KODENSHI_AUK CORP.
KKE4436 KODENSHI-KKE4436 Datasheet
175Kb / 2P
Intelligent 221-Bit EEPROM Counter for > 20000 Units with Security Logic and High Security Authentication
logo
Microchip Technology
MCP4725 MICROCHIP-MCP4725 Datasheet
1Mb / 42P
12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
2007
MCP4725 MICROCHIP-MCP4725_09 Datasheet
1Mb / 50P
12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
2009
MCP4725 MICROCHIP-MCP4725_V01 Datasheet
2Mb / 56P
12-Bit Digital-to-Analog Converter with EEPROM Memory
Revision E February 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com