Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1305B Datasheet (PDF) - STMicroelectronics

ST1305B Datasheet PDF - STMicroelectronics
Part # ST1305B
Download  ST1305B Download
File Size   30.96 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Memory Card IC 192 bit High Endurance EEPROM With Secure Logic Access Control

ST1305B Datasheet (PDF)

Go To PDF Page Download Datasheet
ST1305B Datasheet PDF - STMicroelectronics

Part # ST1305B
Download  ST1305B Click to download

File Size   30.96 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Memory Card IC 192 bit High Endurance EEPROM With Secure Logic Access Control

ST1305B Datasheet (HTML) - STMicroelectronics


ST1305B Product details

DESCRIPTION
The ST1305B is a 192-bit EEPROM device with associated security logic to control memory access. The circuit includes counting capabilities and thus is very well adapted to prepaid card applications.

■ Single Supply Voltage (5 V)
■ Memory Divided Into:
    – 16 bits of Circuit Identification
    – 48 bits of Card Identification
    – 48 bits of Count Data
    – 16 bits of Certificate
    – 24 bits of Transport Code
    – 64 bits of Issuer Data
■ Counting Capability up to 262,144
■ Circuit Protected by Transport Code for Delivery from ST to the Customer
■ 5 External Contacts Only (ISO 7816 Compatible)
■ Answer to Reset (Fully Compatible with ISO 7816-3)
■ E.S.D. Protection Greater Than 4000 V
■ Power-On and Low VCC Reset
■ 1 Million Erase/Write Cycles (minimum)
■ 10 Year Data Retention (minimum)
■ 5 ms Programming Time (typical)




Similar Part No. - ST1305B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1305B STMICROELECTRONICS-ST1305B Datasheet
277Kb / 13P
Memory Micromodules General Information for D1, D2 and C Packaging
Dec-1999
More results


Similar Description - ST1305B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05SC24 MOTOROLA-MC68HC05SC24 Datasheet
86Kb / 2P
Secure 8-bit microcomputer with EEPROM
logo
STMicroelectronics
LRI512 STMICROELECTRONICS-LRI512 Datasheet
351Kb / 54P
Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
16-Jul-2002
M35101 STMICROELECTRONICS-M35101 Datasheet
30Kb / 2P
Contactless Memory Chip 13.56 MHz, 2048-bit High Endurance EEPROM
Oct-1999
M35102 STMICROELECTRONICS-M35102 Datasheet
30Kb / 2P
Contactless Memory Chip with 64-bit Unique Serial ID 13.56 MHz, 2048-bit High Endurance EEPROM
Oct-1999
ST1305 STMICROELECTRONICS-ST1305 Datasheet
39Kb / 2P
High Endurance CMOS 192 bit EEPROM With Secure Logic Access Control
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
4K-Bit Secure Access Serial E2PROM
CAT33C804A CATALYST-CAT33C804A Datasheet
89Kb / 14P
4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
4K-Bit Secure Access Serial E2PROM
logo
Ramtron International C...
WM72016 RAMTRON-WM72016 Datasheet
448Kb / 32P
16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
logo
Cypress Semiconductor
WM72016-6 CYPRESS-WM72016-6 Datasheet
772Kb / 33P
16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com