Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1305B Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST1305B
Description  Memory Card IC 192 bit High Endurance EEPROM With Secure Logic Access Control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1305B Datasheet(HTML) 2 Page - STMicroelectronics

  ST1305B Datasheet HTML 1Page - STMicroelectronics ST1305B Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ST1305B
2/2
wise fashion for reading and programming, and in
a byte-wise fashion for internal erasing.
The device recognises three commands issued
via the RST and CLK pins (as described in the full
data sheet):
– RESET: to reset the internal address register to
00d
– READ: to increment the internal address regis-
ter, and read the data bit at that address
– PROG: to program the bit at the current ad-
dress.
The device offers two distinct configurations:
– ISSUER: for the card manufacturer, allowing
special data to be written to the chip, during ini-
tialisation
– USER: for the end user of the card, restricting
access to the chip.
Before delivery, from ST to the card issuer, the de-
vice is placed in the ISSUER configuration. This
operation is performed by blowing the “test fuse”.
Figure 2. Memory Map
DS05B07
128d
192d
Issuer Defined Area
READ
ONLY
In USER Configuration
64 bits
Circuit Identification
000d
016d
064d
112d
READ
ONLY
Card Identification
Counters / Transport Code
Certificate
16 bits
EEPROM
Cells
Matrix
48 bits
48 bits
Unused
Fuses
260d
16 bits
READ, WRITE,
ERASE
Table 2. Ordering Information Scheme
Example:
ST1305B
-
W4
/
XX
YY
Delivery Form
Transport Code
D10
Micromodule on Super 35 mm reel
Given by ST
D15
Micromodule on Super 35 mm reel
W4
Wafer (180
µm thickness)
Customer Code
Given by the Issuer



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com