Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1305B Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1305B
Description  Memory Card IC 192 bit High Endurance EEPROM With Secure Logic Access Control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1305B Datasheet(HTML) 1 Page - STMicroelectronics

  ST1305B Datasheet HTML 1Page - STMicroelectronics ST1305B Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA BRIEFING
October 1999
Complete data available under NDA.
ST1305B
Memory Card IC 192 bit High Endurance EEPROM
With Secure Logic Access Control
s
Single Supply Voltage (5 V)
s
Memory Divided Into:
– 16 bits of Circuit Identification
– 48 bits of Card Identification
– 48 bits of Count Data
– 16 bits of Certificate
– 24 bits of Transport Code
– 64 bits of Issuer Data
s
Counting Capability up to 262,144
s
Circuit Protected by Transport Code for Delivery
from ST to the Customer
s
5 External Contacts Only (ISO 7816
Compatible)
s
Answer to Reset (Fully Compatible with ISO
7816-3)
s
E.S.D. Protection Greater Than 4000 V
s
Power-On and Low VCC Reset
s
1 Million Erase/Write Cycles (minimum)
s
10 Year Data Retention (minimum)
s
5 ms Programming Time (typical)
DESCRIPTION
The ST1305B is a 192-bit EEPROM device with
associated security logic to control memory ac-
cess. The circuit includes counting capabilities
and thus is very well adapted to prepaid card ap-
plications.
The ST1305B is protected by hard-wired security
logic and special fuses. The memory is arranged
as a matrix of 24x8 cells, accessed in a serial bit-
Figure 1. Logic Diagram
DS05B01
RST
VCC
ST1305B
GND
I/O
CLK
Table 1. Signal Names
CLK
Clock
RST
Reset
I/O
Serial Data Input/Output
VCC
Supply Voltage
GND
Ground
Micromodule (D10)
Wafer
Micromodule (D15)


Similar Part No. - ST1305B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1305B STMICROELECTRONICS-ST1305B Datasheet
277Kb / 13P
Memory Micromodules General Information for D1, D2 and C Packaging
Dec-1999
More results

Similar Description - ST1305B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05SC24 MOTOROLA-MC68HC05SC24 Datasheet
86Kb / 2P
Secure 8-bit microcomputer with EEPROM
logo
STMicroelectronics
LRI512 STMICROELECTRONICS-LRI512 Datasheet
351Kb / 54P
Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
16-Jul-2002
M35101 STMICROELECTRONICS-M35101 Datasheet
30Kb / 2P
Contactless Memory Chip 13.56 MHz, 2048-bit High Endurance EEPROM
Oct-1999
M35102 STMICROELECTRONICS-M35102 Datasheet
30Kb / 2P
Contactless Memory Chip with 64-bit Unique Serial ID 13.56 MHz, 2048-bit High Endurance EEPROM
Oct-1999
ST1305 STMICROELECTRONICS-ST1305 Datasheet
39Kb / 2P
High Endurance CMOS 192 bit EEPROM With Secure Logic Access Control
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
4K-Bit Secure Access Serial E2PROM
CAT33C804A CATALYST-CAT33C804A Datasheet
89Kb / 14P
4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
4K-Bit Secure Access Serial E2PROM
logo
Ramtron International C...
WM72016 RAMTRON-WM72016 Datasheet
448Kb / 32P
16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
logo
Cypress Semiconductor
WM72016-6 CYPRESS-WM72016-6 Datasheet
772Kb / 33P
16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com