Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EYGS0612ZLSG Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EYGS0612ZLSG
Description  “GraphiteTIM (Compressible Type)” PGS with low thermal resistance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EYGS0612ZLSG Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EYGS0612ZLSG Datasheet HTML 1Page - Panasonic Semiconductor EYGS0612ZLSG Datasheet HTML 2Page - Panasonic Semiconductor EYGS0612ZLSG Datasheet HTML 3Page - Panasonic Semiconductor EYGS0612ZLSG Datasheet HTML 4Page - Panasonic Semiconductor EYGS0612ZLSG Datasheet HTML 5Page - Panasonic Semiconductor EYGS0612ZLSG Datasheet HTML 6Page - Panasonic Semiconductor EYGS0612ZLSG Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
“GraphiteTIM (Compressible Type)” PGS with low thermal resistance
Typical values, not guaranteed.
Thermal resistance and compressibility
● GraphiteTIM(Compressible Type) standard form
✽ Part numbers listed above are all standard samples for your consideration.
✽✽ Contact us for custom-made samples.
We can make samples in various forms and/or dimensions other than standard samples.
Type
-
R type
S type
Sheet only
200
28
28
28
Laser PIT
X-Y
Z
400
250
Thermal conductivity
(W/m·K)
Should a safety concern arise regarding this product, please be sure to contact us immediately.
13-Jan-22
200
250
350
0.6
0.4
Flame resistance
UL-94V
V-0 equivalent
Operating temperature range (℃)
−55 to 400
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
55
55
Thermal resistance
(K·cm2/W)
TIM Tester
200 kPa
Compressibility (%)
TIM Tester
600 kPa
Items
Test method
Condition
Data
Thickness (µm)
Typical characteristics
Lamination type / Composition example
90 x 90 mm
EYGS0909ZLX2
EYGR0909ZLX2
EYGR0909ZRX2
200 µm
250 µm
350 µm
Thickness
:c
Structure
Side
Front
−55 ℃ to 400 ℃
0.5
40
Process for IGBT mounting
180 x 180 mm
EYGS1818ZLX2
EYGR1818ZLX2
EYGR1818ZRX2
Standard
Part No.
90 x 180 mm
EYGS0918ZLX2
EYGR0918ZLX2
EYGR0918ZRX2
Operating temperature range
Pressure (kPa)
Pressure (kPa)
b
a
c
0
100
200
300
400
500
600
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
10
20
30
40
50
60
70
0
200
300
400
500
600
100
EYGS_200µm
EYGR_250µm
EYGR_350µm
EYGS_200µm
EYGR_250µm
EYGR_350µm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com