Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EYGS0612ZLSG Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EYGS0612ZLSG
Description  “GraphiteTIM (Compressible Type)” PGS with low thermal resistance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EYGS0612ZLSG Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EYGS0612ZLSG Datasheet HTML 1Page - Panasonic Semiconductor EYGS0612ZLSG Datasheet HTML 2Page - Panasonic Semiconductor EYGS0612ZLSG Datasheet HTML 3Page - Panasonic Semiconductor EYGS0612ZLSG Datasheet HTML 4Page - Panasonic Semiconductor EYGS0612ZLSG Datasheet HTML 5Page - Panasonic Semiconductor EYGS0612ZLSG Datasheet HTML 6Page - Panasonic Semiconductor EYGS0612ZLSG Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
“GraphiteTIM (Compressible Type)” PGS with low thermal resistance
● PGS in IGBT forms
87
No.
200 µm
250 µm
350 µm
(mm)
(mm)
(ømm)
(mm)
(mm)
Hole
number
27
EYGS1010ZLME
EYGR1010ZLME EYGR1010ZRME
98
98
4
6.7
87
EYGR0610ZLAH
EYGR0610ZRAH
59.4
104
93
4
6.7
48
93
26
EYGS0410ZLAJ
EYGR0410ZLAJ
EYGR0410ZRAJ
43
103
2
5.7
Center
93
24
EYGS0411ZLWJ
EYGR0411ZLWJ EYGR0411ZRWJ
43
106
2
5.7
Center
93
EYGR0611ZLWH EYGR0611ZRWH
60
106
4
6.7
48
93
22 EYGS0811ZLWG EYGR0811ZLWG EYGR0811ZRWG
78
108
4
6.7
62
106
EYGR0811ZLGH EYGR0811ZRGH
80
113
4
5.7
70
103
20
EYGS0512ZLGE
EYGR0512ZLGE EYGR0512ZRGE
53
118
2
5.7
Center
4
5.7
78
110
EYGR0612ZLWF EYGR0612ZRWF
60
120
4
5.7
50
110
121
14
EYGS1313ZLGB
EYGR1313ZLGB EYGR1313ZRGB
128
128
4
6.7
110
110
13
EYGS1113ZLMB
EYGR1113ZLMB EYGR1113ZRMB
106
132
4
5.7
95
128
12
EYGS0714ZLAF
EYGR0714ZLAF
EYGR0714ZRAF
69
136
4
7.2
57
124
11
EYGS0714ZLAE
EYGR0714ZLAE
EYGR0714ZRAE
70
138
4
5.7
57
124
10
EYGS1014ZLAD
EYGR1014ZLAD
EYGR1014ZRAD
97.8
138
4
6.8
86
127
9
EYGS1314ZLWE EYGR1314ZLWE EYGR1314ZRWE
126
136
6
7.5
114
144
8
EYGS1315ZLGA
EYGR1315ZLGA EYGR1315ZRGA
129.5
150
8
7
118.5
137.5
7
EYGS1116ZLMA
EYGR1116ZLMA EYGR1116ZRMA
108.8
158
8
6
92.75
150
6
EYGS1216ZLWD EYGR1216ZLWD EYGR1216ZRWD
120
160
8
6
110
150
5
EYGS1316ZLAC
EYGR1316ZLAC
EYGR1316ZRAC
125
163
8
6.1
110
171
4
EYGS0917ZLWC EYGR0917ZLWC EYGR0917ZRWC
85
168
10
6
73
156
3
EYGS1419ZLWB EYGR1419ZLWB EYGR1419ZRWB
136
186
8
7.5
124
290
2
EYGS0925ZLWA EYGR0925ZLWA EYGR0925ZRWA
85
246
14
6
73
234
1
EYGS1431ZLAA
EYGR1431ZLAA
EYGR1431ZRAA
140
308
12
6
126
66
126
4
120
120
4
EYGR0713ZLAG EYGR0713ZRAG
EYGR1212ZLGC EYGR1212ZRGC
2
4.7
Center
116
5.7
110
110
18
EYGS0912ZLGD
EYGR0912ZLGD EYGR0912ZRGD
88
120
Operating temperature range
−55 ℃ to 400 ℃
Thickness
:c
200 µm
250 µm
350 µm
e
:Longitudinal
hole pitch
Standard
Part No.
Standard
Part No.
Standard
Part No.
a
:
Lateral size
b
:Longitudinal
size
Hole
diameter
d
:Lateral
hole pitch
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
13-Jan-22
15
EYGS0713ZLAG
17
EYGS1212ZLGC
19
EYGS0612ZLWF
21
EYGS0811ZLGH
23 EYGS0611ZLWH
25
EYGS0610ZLAH
5.7
50
116
16
EYGS0813ZLMD
EYGR0813ZLMD EYGR0813ZRMD
71
123
Lamination type / Composition example
Type
Sheet only
S type
R type
Process for IGBT mounting
-
Structure
Front
Side
✽ This shape is an example, please
contact us for detailed shape of each
part no.
b
a
e
d
c



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com