Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC115D-F Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # TC115D-F
Description  TOGGLE SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TC115D-F Datasheet(HTML) 1 Page - Panasonic Semiconductor

  TC115D-F Datasheet HTML 1Page - Panasonic Semiconductor TC115D-F Datasheet HTML 2Page - Panasonic Semiconductor TC115D-F Datasheet HTML 3Page - Panasonic Semiconductor TC115D-F Datasheet HTML 4Page - Panasonic Semiconductor TC115D-F Datasheet HTML 5Page - Panasonic Semiconductor TC115D-F Datasheet HTML 6Page - Panasonic Semiconductor TC115D-F Datasheet HTML 7Page - Panasonic Semiconductor TC115D-F Datasheet HTML 8Page - Panasonic Semiconductor TC115D-F Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
T06/T03
1
ds_62001_0106_en_t3_t6: 010314J
DATA (life curve)
Tested sample: T-06 series
Tested condition: 125 V AC, 250 V AC, Power factor: 0.6 and 10 cpm
PRODUCT TYPES
1) T-06 series
Remark: The product comes with standard installation accessories. However, keying washer is sold separately.
2) T-03 series
Remark: The product comes with standard installation accessories. However, keying washer is sold separately.
TOGGLE SWITCH
T-06/T-03 SERIES
SWITCHES
Number of poles
Kind of operation
Solder terminal
Product no.
1-pole
ON-OFF
T106A-F
ON-ON
T106D-F
2-pole
ON-OFF
T206K-F
ON-ON
T206N-F
Number of poles
Kind of operation
Solder terminal
Product no.
1-pole
ON-OFF
T103A-F
ON-ON
T103D-F
2-pole
ON-OFF
T203K-F
ON-ON
T203N-F
FEATURES
Depth of 18.6 mm saves space.
This space-saving switch has body
dimensions of 25 (W) x 14.8 (D) x 18.6
(H). (63% that of our previous T-15 series
switch.)
PRECAUTIONS WHEN
USING CADMIUM-FREE
CONTACT TYPE
Models with cadmium-free contacts have
been introduced in order to reduce
environmentally harmful substances. (“F”
is affixed to the end of the part number.)
We ask customers who are currently
using products with cadmium-containing
contacts (no “F” at the end of the part
number) to please make the switch to
models with cadmium-free contacts.
When switching, operating life may differ
depending on the load. Please be sure to
verify this by conducting an evaluation
using actual equipment.
12 dia.
Inductive load 125 V AC
Inductive load
250 V AC
Current (A)
12
3
4
5
5
4
3
2
1
0
6


Similar Part No. - TC115D-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TC115D-F PANASONIC-TC115D-F Datasheet
1Mb / 21P
Snap Switches Capable of 15A Switching
TC115D-F PANASONIC-TC115D-F Datasheet
872Kb / 19P
Snap Switches Capable of 15 A Switching
TC115D-F PANASONIC-TC115D-F Datasheet
690Kb / 17P
15A HIGH SNAP SWITCHES TOGGLE, ROCKER AND PUSH-BUTTON TYPES
TC115D-F PANASONIC-TC115D-F Datasheet
802Kb / 17P
15A HIGH SNAP SWITCHES TOGGLE, ROCKER AND PUSH-BUTTON TYPES
2013.09
More results

Similar Description - TC115D-F

ManufacturerPart #DatasheetDescription
logo
CW Industries
GTS448E101AHR CWIND-GTS448E101AHR Datasheet
965Kb / 1P
TOGGLE SWITCH
GTS448F301AHR CWIND-GTS448F301AHR Datasheet
1Mb / 1P
TOGGLE SWITCH
GTS448K101AHR CWIND-GTS448K101AHR Datasheet
987Kb / 1P
TOGGLE SWITCH
logo
Tyco Electronics
4-1437558-8 MACOM-4-1437558-8 Datasheet
487Kb / 3P
TOGGLE SWITCH
logo
Honeywell Solid State E...
2NT1-72 HONEYWELL-2NT1-72 Datasheet
131Kb / 1P
SWITCH - TOGGLE
31NT91-3 HONEYWELL-31NT91-3 Datasheet
118Kb / 1P
SWITCH - TOGGLE
logo
Honeywell Accelerometer...
2TL1-7 HONEYWELL-ACC-2TL1-7 Datasheet
176Kb / 1P
SWITCH - TOGGLE
2TL1-2 HONEYWELL-ACC-2TL1-2 Datasheet
195Kb / 2P
SWITCH - TOGGLE
2TL1-3D HONEYWELL-ACC-2TL1-3D Datasheet
228Kb / 1P
SWITCH - TOGGLE
logo
List of Unclassifed Man...
14TL1-1A ETC2-14TL1-1A Datasheet
128Kb / 1P
SWITCH-TOGGLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com