Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC115D-F Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # TC115D-F
Description  TOGGLE SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TC115D-F Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button TC115D-F Datasheet HTML 7Page - Panasonic Semiconductor TC115D-F Datasheet HTML 8Page - Panasonic Semiconductor TC115D-F Datasheet HTML 9Page - Panasonic Semiconductor TC115D-F Datasheet HTML 10Page - Panasonic Semiconductor TC115D-F Datasheet HTML 11Page - Panasonic Semiconductor TC115D-F Datasheet HTML 12Page - Panasonic Semiconductor TC115D-F Datasheet HTML 13Page - Panasonic Semiconductor TC115D-F Datasheet HTML 14Page - Panasonic Semiconductor TC115D-F Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
T15
5
ds_62001_0106_en_t15: 010314J
2) Accessories (option)
Remarks: 1. The asterisk in the part number WD1811* for the silicon rubber type rubber cap is where the letter representing the color should be inserted.
(B: black; R: red; Z: gray, Y: yellow; G: green.)
2. EP rubber cap is available in black only.
3. Letters on the display panel are aluminum colored and the area surrounding the letters is black.
4. Indication plate and rubber caps are compatible with the T-15 series switch, T-10 series switch, and T-03/T-06 series switches
(when plate thickness is 2.7 mm or less).
ROCKER PRODUCT TYPES
1. Standard type
1) Solder terminal, without indication on actuator
2) Screw terminal, without indication on actuator
3) Solder terminal, with ON-OFF indication on actuator
Remark: Please specify the actuator color by replacing the asterisk in the product number with appropriate letter. (B: black; W: white; R: red; Z: dark gray)
Product name
Indication plate (aluminum)*3
Rubber cap*1, 2, 4
ON-OFF
ON-ON
EP rubber type
Silicone rubber type
Dimensions
(mm)
Part no.
WD1901
WD1902
WD1911
WD1811*
Number of poles
Kind of operation
< >: Momentary position
Solder terminal
Product no.
1-pole
ON-OFF
TR115A-
F
ON-ON
TR115D-
F
ON-OFF-ON
TR115E-
F
ON-<ON>
TR115F-
F
<ON>-OFF-<ON>
TR115G-
F
ON-OFF-<ON>
TR115H-
F
2-pole
ON-OFF
TR215K-
F
ON-ON
TR215N-
F
ON-OFF-ON
TR215P-
F
ON-<ON>
TR215R-
F
<ON>-OFF-<ON>
TR215S-
F
ON-OFF-<ON>
TR215T-
F
Number of poles
Kind of operation
< >: Momentary position
Screw terminal
Product no.
1-pole
ON-OFF
TR115A-S
F
ON-ON
TR115D-S
F
ON-OFF-ON
TR115E-S
F
ON-<ON>
TR115F-S
F
<ON>-OFF-<ON>
TR115G-S
F
ON-OFF-<ON>
TR115H-S
F
2-pole
ON-OFF
TR215K-S
F
ON-ON
TR215N-S
F
ON-OFF-ON
TR215P-S
F
ON-<ON>
TR215R-S
F
<ON>-OFF-<ON>
TR215S-S
F
ON-OFF-<ON>
TR215T-S
F
Number of poles
Kind of operation
< >: Momentary position
Solder terminal
Product no.
1-pole
ON-OFF
TR115A-
F
2-pole
ON-OFF
TR215K-
F
12.3 dia.
16
30
1.3
1.5
0.8
0.8
17
12.3 dia.
16
30
1.3
1.5
0.8
0.8
17
10 dia.
24.5
21 dia.
M12
7
8 dia.
24.5
18 dia.
M12
8.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com