Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T115D-F Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # T115D-F
Description  15A HIGH SNAP SWITCHES TOGGLE, ROCKER AND PUSH-BUTTON TYPES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T115D-F Datasheet(HTML) 2 Page - Panasonic Semiconductor

  T115D-F Datasheet HTML 1Page - Panasonic Semiconductor T115D-F Datasheet HTML 2Page - Panasonic Semiconductor T115D-F Datasheet HTML 3Page - Panasonic Semiconductor T115D-F Datasheet HTML 4Page - Panasonic Semiconductor T115D-F Datasheet HTML 5Page - Panasonic Semiconductor T115D-F Datasheet HTML 6Page - Panasonic Semiconductor T115D-F Datasheet HTML 7Page - Panasonic Semiconductor T115D-F Datasheet HTML 8Page - Panasonic Semiconductor T115D-F Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
T15
TOGGLE PRODUCT TYPES
1. Standard type
1) Solder terminal and .250 Quick-connect terminal
2) Screw terminal
Remarks: 1. Standard installation accessories are included with the product.
2. For UL/C-UL certified products, please add “UL” before “F” at the end of part number when ordering.
Number of poles
Kind of operation
< >: Momentary position
Solder terminal
250 Quick-connect terminal
Product No.
Product No.
1-pole
ON-OFF
T115A-F
T115A-AF
ON-ON
T115D-F
T115D-AF
ON-OFF-ON
T115E-F
T115E-AF
ON-<ON>
T115F-F
T115F-AF
<ON>-OFF-<ON>
T115G-F
T115G-AF
ON-OFF-<ON>
T115H-F
T115H-AF
2-pole
ON-OFF
T215K-F
T215K-AF
ON-ON
T215N-F
T215N-AF
ON-OFF-ON
T215P-F
T215P-AF
ON-<ON>
T215R-F
T215R-AF
<ON>-OFF-<ON>
T215S-F
T215S-AF
ON-OFF-<ON>
T215T-F
T215T-AF
3-pole
ON-OFF
T315K-F
T315K-AF
ON-ON
T315N-F
T315N-AF
ON-OFF-ON
T315P-F
T315P-AF
4-pole
ON-OFF
T415K-F
T415K-AF
ON-ON
T415N-F
T415N-AF
ON-OFF-ON
T415P-F
T415P-AF
Number of poles
Kind of operation
< >: Momentary position
Screw terminal
Product No.
1-pole
ON-OFF
T115A-SF
ON-ON
T115D-SF
ON-OFF-ON
T115E-SF
ON-<ON>
T115F-SF
<ON>-OFF-<ON>
T115G-SF
ON-OFF-<ON>
T115H-SF
2-pole
ON-OFF
T215K-SF
ON-ON
T215N-SF
ON-OFF-ON
T215P-SF
ON-<ON>
T215R-SF
<ON>-OFF-<ON>
T215S-SF
ON-OFF-<ON>
T215T-SF
3-pole
ON-OFF
T315K-SF
ON-ON
T315N-SF
ON-OFF-ON
T315P-SF
4-pole
ON-OFF
T415K-SF
ON-ON
T415N-SF
ON-OFF-ON
T415P-SF
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com