Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T115D-F Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # T115D-F
Description  15A HIGH SNAP SWITCHES TOGGLE, ROCKER AND PUSH-BUTTON TYPES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T115D-F Datasheet(HTML) 1 Page - Panasonic Semiconductor

  T115D-F Datasheet HTML 1Page - Panasonic Semiconductor T115D-F Datasheet HTML 2Page - Panasonic Semiconductor T115D-F Datasheet HTML 3Page - Panasonic Semiconductor T115D-F Datasheet HTML 4Page - Panasonic Semiconductor T115D-F Datasheet HTML 5Page - Panasonic Semiconductor T115D-F Datasheet HTML 6Page - Panasonic Semiconductor T115D-F Datasheet HTML 7Page - Panasonic Semiconductor T115D-F Datasheet HTML 8Page - Panasonic Semiconductor T115D-F Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
T15
ASSORTMENT
Remarks: *1: Only standard type
*2: Only wire leads type
15A HIGH SNAP SWITCHES
TOGGLE, ROCKER AND
PUSH-BUTTON TYPES
T15 SERIES
SWITCHES
Kind of actuator
Standard
type
Sealed type
Number of pole
Shape of terminal
Panel-
sealed
type
Terminal-
sealed
type
Wire leads
type
1P
2P
3P
4P
Solder
terminal
Screw
terminal
.250 Quick-
connect
terminal
Wire lead
Toggle type
Available
Available
Available
Available
Available
Available
Available*1 Available*1
Available
Available
Available*1 Available*2
Rocker type
Available
Available
Available
Available
Available
Available
—
—
Available
Available
—
Available*2
Push-button type
Available
Available
—
—
Available
Available
—
—
Available
Available
—
—
FEATURES
1. Series now includes rocker and
push-button switches.
Based on the well-established T-15
Series switch, the mechanism is kept as
is and a rocker type and push-button type
have been added to the series. (Note that
the push-button type is rated at 10 A.)
2. Sealed type added for use in
different environments.
Packing is used where parts join and an
O-ring is used to seal moving parts. New
to the series, this type can be used in
harsh environments such as those with
water, oil, dust, and gas.
• Panel-sealed type
Entry of water, oil, dust and gas from the
front of the panel is prevented.
(Panel front: IP67*; Inside of panel: IP40)
• Terminal-sealed type
Both switch body and terminals have
been sealed to protect from dust and gas
that enters from the panel.
(Panel front: IP67*; Inside of panel: IP60)
• Wire lead type
Furthermore, a cover is provided for the
terminals to keep out water and oil that
enters from the panel.
(Panel front: IP67*; Inside of panel: IP67)
Remark: The asterisk in “Panel front: IP67*” means
this only applies to toggle and push-button
types.
The panel surface for the rocker type is IP64.
Please see NOTES 1 and 2 regarding use of
the sealed type.
3. Rubber cap also available in silicon
type for excellent weather resistance.
• 5 colors available so you can distinguish
switches by purpose.
<Example>
Black: For main power supply
Grey: For setting and switching
Red: For resetting
• With a usable ambient temperature
range of –25
°C to +85°C, use is possible
in environments that require resistance
against heat and cold.
PRECAUTIONS WHEN
USING CADMIUM-FREE
CONTACT TYPE
Models with cadmium-free contacts have
been introduced in order to reduce
environmentally harmful substances. (“F”
is affixed to the end of the part number.)
We ask customers who are currently
using products with cadmium-containing
contacts (no “F” at the end of the part
number) to please make the switch to
models with cadmium-free contacts.
When switching, operating life may differ
depending on the load. Please be sure to
verify this by conducting an evaluation
using actual equipment.
12 dia.
Angled
hole
Toggle
Push-
button
Rocker
Compliance with RoHS Directive
Prevention of water, oil,
dust, and gases from
entering through the
panel with O-rings
Sealing the joint part
of switch body with
packing rubber.
Terminal area is sealed
with epoxy resin.
Sealing with a cover
and epoxy resin.
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.


Similar Part No. - T115D-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
T115D-F PANASONIC-T115D-F Datasheet
1Mb / 21P
Snap Switches Capable of 15A Switching
T115D-F PANASONIC-T115D-F Datasheet
872Kb / 19P
Snap Switches Capable of 15 A Switching
T115D-F PANASONIC-T115D-F Datasheet
802Kb / 17P
15A HIGH SNAP SWITCHES TOGGLE, ROCKER AND PUSH-BUTTON TYPES
2013.09
T115D-F PANASONIC-T115D-F Datasheet
9Mb / 24P
TOGGLE SWITCH
More results

Similar Description - T115D-F

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
3T106D TOCOS-3T106D Datasheet
3Mb / 8P
Miniature Toggle and Push Button Switches
logo
List of Unclassifed Man...
D16-LMT1-2AB ETC-D16-LMT1-2AB Datasheet
166Kb / 4P
Push Button Switches
H8350ABBB ETC2-H8350ABBB Datasheet
156Kb / 2P
8300 Push Button Switches
D16-LAS1-1AB ETC2-D16-LAS1-1AB Datasheet
166Kb / 4P
Push Button Switches
logo
Schneider Electric
9001KU17 SCHNEIDER-9001KU17 Datasheet
137Kb / 2P
30mm Push Button, Types K or SK, clear protective boot, for selector switches
Jan 6, 2022
logo
Littelfuse
8486 LITTELFUSE-8486 Datasheet
238Kb / 1P
STOPLAMP PUSH BUTTON SWITCHES
2019 Rev: 021219
9095 LITTELFUSE-9095 Datasheet
249Kb / 1P
PUSH-BUTTON SWITCHES
2016 Rev: 120116
9187 LITTELFUSE-9187 Datasheet
249Kb / 1P
PUSH-BUTTON SWITCHES
2016 Rev: 120116
9269 LITTELFUSE-9269 Datasheet
292Kb / 1P
DOOR PUSH BUTTON SWITCHES
2019 Rev: 021119
logo
List of Unclassifed Man...
6612 ETC-6612 Datasheet
86Kb / 1P
Wire Lead Toggle & Push Button Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com