Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T115D-F Datasheet (PDF) - Panasonic Semiconductor

T115D-F Datasheet PDF - Panasonic Semiconductor
Part # T115D-F
Download  T115D-F Download
File Size   1105.34 Kbytes
Page   21 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Snap Switches Capable of 15A Switching

T115D-F Datasheet (PDF)

Go To PDF Page Download Datasheet
T115D-F Datasheet PDF - Panasonic Semiconductor

Part # T115D-F
Download  T115D-F Click to download

File Size   1105.34 Kbytes
Page   21 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Snap Switches Capable of 15A Switching

T115D-F Datasheet (HTML) - Panasonic Semiconductor




Similar Part No. - T115D-F

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T115000 E-SWITCH-T115000 Datasheet
123Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T115003 E-SWITCH-T115003 Datasheet
34Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T115005 E-SWITCH-T115005 Datasheet
120Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T115006 E-SWITCH-T115006 Datasheet
56Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T115007 E-SWITCH-T115007 Datasheet
125Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Similar Description - T115D-F

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LS0851503F040C2A E-SWITCH-LS0851503F040C2A Datasheet
279Kb / 3P
SNAP ACTION SWITCHES
logo
Panasonic Semiconductor
AV4424 PANASONIC-AV4424 Datasheet
120Kb / 5P
ONE OF THE SMALLEST SNAP-ACTION SWITCHES
logo
Omron Electronics LLC
G7L-X OMRON-G7L-X Datasheet
138Kb / 4P
Compact Power Relay Capable of Switching 1,000 VDC Loads
logo
Panasonic Semiconductor
T-10 PANASONIC-T-10 Datasheet
386Kb / 7P
Multi-purpose Snap Switches capable of 10 A
logo
TE Connectivity Ltd
SAJ1 TEC-SAJ1 Datasheet
323Kb / 3P
Snap Action Switches
SAJ2 TEC-SAJ2 Datasheet
604Kb / 4P
Snap Action Switches
SAJ3 TEC-SAJ3 Datasheet
675Kb / 5P
Snap Action Switches
logo
Maxim Integrated Produc...
MAX17291EVK-WLP MAXIM-MAX17291EVK-WLP Datasheet
413Kb / 6P
Electronic Load Capable of 310mA
Rev 0; 10/20
logo
C&K Components
DSSNAP CK-COMPONENTS-DSSNAP Datasheet
229Kb / 3P
Interlock Snap Switches
31 oct 16
DS CK-COMPONENTS-DS Datasheet
234Kb / 3P
Interlock Snap Switches
31 oct 16
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com