Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T115D-F Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # T115D-F
Description  Snap Switches Capable of 15A Switching
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T115D-F Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button T115D-F Datasheet HTML 3Page - Panasonic Semiconductor T115D-F Datasheet HTML 4Page - Panasonic Semiconductor T115D-F Datasheet HTML 5Page - Panasonic Semiconductor T115D-F Datasheet HTML 6Page - Panasonic Semiconductor T115D-F Datasheet HTML 7Page - Panasonic Semiconductor T115D-F Datasheet HTML 8Page - Panasonic Semiconductor T115D-F Datasheet HTML 9Page - Panasonic Semiconductor T115D-F Datasheet HTML 10Page - Panasonic Semiconductor T115D-F Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
T-15 Series Switches
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
© Panasonic Corporation 2019
AECTB5E 201906
Note: Please specify the actuator color by replacing the asterisk “*” in the part number with appropriate letter. (B: black; W: white; R: red; Z: dark grey)
■Standard type
Notes: 1. Please specify the actuator color by replacing the asterisk “*” in the part number with appropriate letter. (B: black; W: white; R: red; Z: dark grey)
2. 300 V vinyl wire (VSF, thick: 2 mm2, length: 200 mm) is used. Please inquire about type and different length of lead wire.
2) With ON-OFF indication on actuator
1) Solder terminal
2) Screw terminal
■Wire lead sealed type
1) Without indication on actuator
Number of poles
Kind of operation
< >: Momentary position
Wire lead type
Part No.
1-pole
ON-OFF
TRC115A-*F
ON-ON
TRC115D-*F
ON-OFF-ON
TRC115E-*F
ON-<ON>
TRC115F-*F
<ON>-OFF-<ON>
TRC115G-*F
ON-OFF-<ON>
TRC115H-*F
2-pole
ON-OFF
TRC215K-*F
ON-ON
TRC215N-*F
ON-OFF-ON
TRC215P-*F
ON-<ON>
TRC215R-*F
<ON>-OFF-<ON>
TRC215S-*F
ON-OFF-<ON>
TRC215T-*F
Number of poles
Kind of operation
Wire lead type
Part No.
1-pole
ON-OFF
TRC115A-*1F
2-pole
ON-OFF
TRC215K-*1F
PUSH-BUTTON PRODUCT TYPES
Number of poles
Kind of operation
Solder terminal
Part No.
1-pole
Momentary
TB110F-F
Alternate
TB115D-F
2-pole
Momentary
TB210R-F
Alternate
TB215N-F
Number of poles
Kind of operation
Screw terminal
Part No.
1-pole
Momentary
TB110F-SF
Alternate
TB115D-SF
2-pole
Momentary
TB210R-SF
Alternate
TB215N-SF
Notes: 1. Please use switch body with a color cap (sold separately).
2. Standard installation accessories are included with the product.
With color
cap installed
Switch body
Color cap
(sold separately)
ー 7 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com