Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T115D-F Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # T115D-F
Description  Snap Switches Capable of 15A Switching
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T115D-F Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button T115D-F Datasheet HTML 4Page - Panasonic Semiconductor T115D-F Datasheet HTML 5Page - Panasonic Semiconductor T115D-F Datasheet HTML 6Page - Panasonic Semiconductor T115D-F Datasheet HTML 7Page - Panasonic Semiconductor T115D-F Datasheet HTML 8Page - Panasonic Semiconductor T115D-F Datasheet HTML 9Page - Panasonic Semiconductor T115D-F Datasheet HTML 10Page - Panasonic Semiconductor T115D-F Datasheet HTML 11Page - Panasonic Semiconductor T115D-F Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
T-15 Series Switches
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
© Panasonic Corporation 2019
AECTB5E 201906
■Color cap for push-button (Option)
Notes: 1. Please use switch body with a color cap (sold separately).
2. Standard installation accessories are included with the product.
2) Screw terminal
■Panel-sealed type
1) Solder terminal
Note: Please specify the color cap color by replacing the asterisk “*” in the part number with appropriate letter
(B: black; W: white; R: red; Z: dark grey; H: light grey; Y: yellow; G: green; L: blue).
Number of poles
Kind of operation
Solder terminal
Part No.
1-pole
Momentary
TBP110F-F
Alternate
TBP115D-F
2-pole
Momentary
TBP210R-F
Alternate
TBP215N-F
Number of poles
Kind of operation
Screw terminal
Part No.
1-pole
Momentary
TBP110F-SF
Alternate
TBP115D-SF
2-pole
Momentary
TBP210R-SF
Alternate
TBP215N-SF
Product name
Color cap
(sold separately)
Dimensions
(Unit: mm)
Part No.
WDB1821*
11.2
13.2 dia.
With color
cap installed
Switch body
Color cap
(sold separately)
Installation accessories (Repair parts)
Product name
Standard installation accessories
Optional installation
accessories
Front hex nut
(Nickel plated)
Back hex nut
(Uni-chrome plated)
Keying washer
Lock washer
Front Knurl nut
(Nickel plated)
Dimensions
(Unit: mm)
14
(16.17)
2.3
M12 x 1
14
(16.17)
2.3
M12 x 1
2.8
18.2 dia.
12.3 dia.
2.4
9.7
1
15.6 dia.
12.3 dia.
0.5
1
15 dia.
2.4
M12 x 1
Part No.
AJ3081
AJ3082
AJ3083
AJ3084
AJ3080
Note: A selling unit of each accessory is 10 pieces.
ー 8 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com