Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR732BTTDR10G Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # SR732BTTDR10G
Description  SR73-RT Low Resistance Flat Chip Resistors (Anti Sulfuration)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SR732BTTDR10G Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  SR732BTTDR10G Datasheet HTML 1Page - KOA Speer Electronics, Inc. SR732BTTDR10G Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
■Dimensions
THICK FILM (LOW RESISTANCE<ANTI SULFURATION>)
SR73-RT LowResistanceFlatChipResistors(AntiSulfuration)
■Construction
■Type Designation
 Example
Coating color:Black
① Protective coating
② Resistive film
③ Inner electrode
④ Ni plating
⑤ Sn plating
⑥ Ceramic substrate
L
c
c
W
t
d
③
②
①
④
⑤
⑥
Contact us when you have control request for environmental hazardous material other than the
substance specified by EU-RoHS.
For further information on taping, please refer to APPENDIX C on the back pages.
Features
・Excellent anti-sulfuration characteristic due to using high
sulfuration-proof inner top electrode material.
・Current detecting resistors for power supply, motor circuits,
etc.
・High reliability and performance with resistance tolerance ±
1.0%, T.C.R. ±100×10−6/K
・Suitable for both reflow and flow solderings.
・Products with lead free termination meet EU-RoHS requirements.
EU-RoHS regulation is not intended for Pb-glass contained in
electrode, resistor element and glass.
・AEC-Q200 Tested.
■Applications
・Car electronics, Power supply, Industrial robot
■Reference Standards
 IEC 60115-8
 JIS C 5201-8
 EIAJ RC-2134C
■Derating Curve
For resistors operated at an ambient temperature of 70℃ or higher,
the power shall be derated in accordance with the above derating
curve.
When the terminal part temperature of the resistor exceeds the rated terminal part temperature shown above, the power shall be
derated according to the derating curve.
If you want to use at the rated power of ※2 please use the derating curves based on the terminal part temperature of right side.
※Please refer to“Introduction of the derating curves based on the terminal part temperature”on the beginning of our catalog before use.
100
80
60
40
20
0
-60 -40 -20 0204060
70
155
-55
80 100 120 140 160
Ambient temperature(℃)
あ1
あ1
100
80
60
40
20
0
-60 -40 -20 0204060
155
-55
80 100 120 140 160
Terminal part temperature(℃)
125
あ1
あ1
1E: 0.166W(125℃)
1J: 0.20W(125℃)
2A: 0.33W(125℃)
2B: 0.33W(125℃)
2E: 0.5W(125℃)
100
80
60
40
20
0
-60 -40 -20 0204060
155
-55
80 100 120 140 160
Terminal part temperature(℃)
110
105
あ1
あ1
2B: 0.5W(110℃)
2E: 0.66W(110℃)
2A: 0.5W(105℃)
EU
RoHS
Type
(Inch Size Code)
Resistance Range
(Ω)
Dimensions(mm)
Weight(g)
(1000pcs)
L
W
c
d
t
1E(0402)
1~10
1.0+0.1
-0.05
0.5+0.1
-0.05
0.2±0.1
0.25±0.1 0.35±0.05
0.68
1J(0603)
0.1~0.43
1.6±0.2
0.8+0.15
-0.1
0.35+0.15
-0.1
0.35+0.2
-0.1
0.45±0.1
2.50
0.47~10
0.35±0.1
0.35±0.1
2.14
2A(0805)
0.1~0.43
2.0±0.2
1.25±0.1
0.4±0.2
0.4+0.2
-0.1
0.5±0.1
5.13
0.47~10
0.3+0.2
-0.1
4.54
2B(1206)
0.1~0.43
3.2±0.2
1.6±0.2
0.5±0.3
0.5+0.2
-0.1
0.6±0.1
10.0
0.47~10
0.4+0.2
-0.1
9.14
2E(1210)
0.1~0.39
2.6±0.2
0.5+0.2
-0.1
16.3
0.43~10
0.4+0.2
-0.1
15.5
Resistance
Tolerance
F :±1%
G :±2%
J :±5%
Resistance Value
(Ω)
3digits
0.1~0.91
R10~R91
1~9.1
1R0~9R1
10
100
Resistance Value
(Ω)
4digits
0.1~0.976
R100~R976
1~9.76
1R00~9R76
10
10R0
Terminal part temperature
SR73 2A(0.5W),SR73 2B(0.5W),SR73 2E(0.66W)
Terminal part temperature
Ambient temperature
SR73
Product
Code
2B
Power
Rating
1E:0.166W
1J :0.2W
2A:0.33W
0.5W※2
2B:0.33W
0.5W※2
2E:0.5W
0.66W※2
R
Characteristic
R:Anti
sulfuration
T
Terminal
Surface Material
T:Sn
R10
Nominal
Resistance
F :4 digits
G,J :3 digits
Ex.
0.1Ω:R100
J
Resistance
Tolerance
F:±1%
G:±2%
J:±5%
TD
Taping
TPL・TP:
2mm pitch
punch paper
TD:4mm pitch
punch paper
BK:Bulk
Jun. 2021
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
■Performance
■Ratings
■Precautions for Use
・The substrate of chip resistors is alumina. Cracks may occur at the connection of solder (solder fillet portion) due to the difference of the coefficient of thermal
expansion from a mounting board when heat stress like heat cycle, etc. are repeatedly given to them.
・The resistance value after soldering may change depending on the size of pad pattern or solder amount. Make sure the effect of decline/increase of resistance
value before designing.
Type
Power
Rating
Rated Ambient
Temp.
Rated Terminal Part
Temp.
T.C.R.
(×10−6/K)
Resistance Range(Ω)
Taping & Q’ty /Reel
(pcs)
F:±1%
E24・E96※1
G:±2%
E24
J:±5%
E24
TPL・TP
TD
1E
0.166W
70℃
125℃
±200
1~10
1~10
1~10
TPL:20,000
TP :10,000
-
1J
0.2W
70℃
125℃
±200
0.2~10
0.2~10
0.2~10
-
5,000
±300
0.1~0.18
0.1~0.18
0.1~0.18
2A
0.33W
70℃
125℃
±100
0.47~10
—
—
-
5,000
±200
0.2~0.43
0.2~10
0.2~10
±250
0.1~0.18
0.1~0.18
0.1~0.18
0.5W※2
70℃
105℃
±100
0.47~10
—
—
±200
0.2~0.43
0.2~10
0.2~10
±250
0.1~0.18
0.1~0.18
0.1~0.18
2B
0.33W
70℃
125℃
±100
0.47~10
—
—
-
5,000
±200
0.2~0.43
0.2~10
0.2~10
±250
0.1~0.18
0.1~0.18
0.1~0.18
0.5W※2
70℃
110℃
±100
0.47~10.
—
—
±200
0.2~0.43
0.2~10
0.2~10
±250
0.1~0.18
0.1~0.18
0.1~0.18
2E
0.5W
70℃
125℃
±100
0.43~10
—
—
-
5,000
±200
0.2~0.39
0.2~10
0.2~10
±250
—
—
0.1~0.18
0.66W※2
70℃
110℃
±100
0.43~10
—
—
±200
0.2~0.39
0.2~10
0.2~10
±250
—
—
0.1~0.18
Test Items
Performance Requirements ΔR±(%+0.005Ω)
Test Methods
Limit
Typical
Resistance
Within specified tolerance —
25℃
T.C.R.
Within specified T.C.R
—
+25℃/-55℃ and +25℃/+125℃
Overload(Short time)
2
0.5
Rated voltage×2.5 for 5s
Resistance to soldering heat
1
0.3
260℃±5℃, 10s±1s
Rapid change of temperature 1
0.3
-55℃(30min.)/+125℃(30min.)100 cycles
Moisture resistance
2
1
40℃±2℃, 90%~95%RH, 1000h
1.5h ON/0.5h OFF cycle
Endurance at 70℃ or rated
terminal part temperature
2
1
70℃±2℃ or rated terminal part temperature ±2℃ 1000h
1.5h ON/0.5h OFF cycle
High temperature exposure
1
0.3
+155℃, 1000h
Sulfuration test
5
0.2
Soaked in industrial oil with sulfur substance 3.5% contained 105℃ ±3℃ 500h
Operating Temperature Range:−55℃∼+155℃
Rated voltage= Power Rating×Resistance value
※1 The nominal resistance value for SR731E(1Ω∼10Ω), SR731J, 2A, 2B (0.1Ω∼0.43Ω) and SR732E (0.1Ω∼0.39Ω) is in E24.
※2 If you use at the rated power, please keep the condition that the terminal of the resistor is below the rated terminal part temperature. Please refer to the derating curves based on the terminal
temperature of right side on the previous page.
If any questions arise whether to use the“Rated Ambient Temperature”or the“Rated Terminal Part Temperature”in your usage conditions, please give priority to the“Rated Terminal Part Temperature”.
For more details, please refer to“Introduction of the derating curves based on the terminal part temperature”on the beginning of our catalog.
√ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄
Please refer to conventional products for characteristic data such as temperature rise.
Jun. 2021
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
  
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
Oct. 2022



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com