Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR732BTTDR10G Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # SR732BTTDR10G
Description  SR73-RT Low Resistance Flat Chip Resistors (Anti Sulfuration)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SR732BTTDR10G Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  SR732BTTDR10G Datasheet HTML 1Page - KOA Speer Electronics, Inc. SR732BTTDR10G Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
■Dimensions
THICK FILM (LOW RESISTANCE<ANTI SULFURATION>)
SR73-RT LowResistanceFlatChipResistors(AntiSulfuration)
■Construction
■Type Designation
 Example
Coating color:Black
① Protective coating
② Resistive film
③ Inner electrode
④ Ni plating
⑤ Sn plating
⑥ Ceramic substrate
L
c
c
W
t
d
③
②
①
④
⑤
⑥
Contact us when you have control request for environmental hazardous material other than the
substance specified by EU-RoHS.
For further information on taping, please refer to APPENDIX C on the back pages.
Features
・Excellent anti-sulfuration characteristic due to using high
sulfuration-proof inner top electrode material.
・Current detecting resistors for power supply, motor circuits,
etc.
・High reliability and performance with resistance tolerance ±
1.0%, T.C.R. ±100×10−6/K
・Suitable for both reflow and flow solderings.
・Products with lead free termination meet EU-RoHS requirements.
EU-RoHS regulation is not intended for Pb-glass contained in
electrode, resistor element and glass.
・AEC-Q200 Tested.
■Applications
・Car electronics, Power supply, Industrial robot
■Reference Standards
 IEC 60115-8
 JIS C 5201-8
 EIAJ RC-2134C
■Derating Curve
For resistors operated at an ambient temperature of 70℃ or higher,
the power shall be derated in accordance with the above derating
curve.
When the terminal part temperature of the resistor exceeds the rated terminal part temperature shown above, the power shall be
derated according to the derating curve.
If you want to use at the rated power of ※2 please use the derating curves based on the terminal part temperature of right side.
※Please refer to“Introduction of the derating curves based on the terminal part temperature”on the beginning of our catalog before use.
100
80
60
40
20
0
-60 -40 -20 0204060
70
155
-55
80 100 120 140 160
Ambient temperature(℃)
あ1
あ1
100
80
60
40
20
0
-60 -40 -20 0204060
155
-55
80 100 120 140 160
Terminal part temperature(℃)
125
あ1
あ1
1E: 0.166W(125℃)
1J: 0.20W(125℃)
2A: 0.33W(125℃)
2B: 0.33W(125℃)
2E: 0.5W(125℃)
100
80
60
40
20
0
-60 -40 -20 0204060
155
-55
80 100 120 140 160
Terminal part temperature(℃)
110
105
あ1
あ1
2B: 0.5W(110℃)
2E: 0.66W(110℃)
2A: 0.5W(105℃)
EU
RoHS
Type
(Inch Size Code)
Resistance Range
(Ω)
Dimensions(mm)
Weight(g)
(1000pcs)
L
W
c
d
t
1E(0402)
1~10
1.0+0.1
-0.05
0.5+0.1
-0.05
0.2±0.1
0.25±0.1 0.35±0.05
0.68
1J(0603)
0.1~0.43
1.6±0.2
0.8+0.15
-0.1
0.35+0.15
-0.1
0.35+0.2
-0.1
0.45±0.1
2.50
0.47~10
0.35±0.1
0.35±0.1
2.14
2A(0805)
0.1~0.43
2.0±0.2
1.25±0.1
0.4±0.2
0.4+0.2
-0.1
0.5±0.1
5.13
0.47~10
0.3+0.2
-0.1
4.54
2B(1206)
0.1~0.43
3.2±0.2
1.6±0.2
0.5±0.3
0.5+0.2
-0.1
0.6±0.1
10.0
0.47~10
0.4+0.2
-0.1
9.14
2E(1210)
0.1~0.39
2.6±0.2
0.5+0.2
-0.1
16.3
0.43~10
0.4+0.2
-0.1
15.5
Resistance
Tolerance
F :±1%
G :±2%
J :±5%
Resistance Value
(Ω)
3digits
0.1~0.91
R10~R91
1~9.1
1R0~9R1
10
100
Resistance Value
(Ω)
4digits
0.1~0.976
R100~R976
1~9.76
1R00~9R76
10
10R0
Terminal part temperature
SR73 2A(0.5W),SR73 2B(0.5W),SR73 2E(0.66W)
Terminal part temperature
Ambient temperature
SR73
Product
Code
2B
Power
Rating
1E:0.166W
1J :0.2W
2A:0.33W
0.5W※2
2B:0.33W
0.5W※2
2E:0.5W
0.66W※2
R
Characteristic
R:Anti
sulfuration
T
Terminal
Surface Material
T:Sn
R10
Nominal
Resistance
F :4 digits
G,J :3 digits
Ex.
0.1Ω:R100
J
Resistance
Tolerance
F:±1%
G:±2%
J:±5%
TD
Taping
TPL・TP:
2mm pitch
punch paper
TD:4mm pitch
punch paper
BK:Bulk
Jun. 2021
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
Oct. 2022


Similar Part No. - SR732BTTDR10G

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SR732BTTDR10G KOA-SR732BTTDR10G Datasheet
226Kb / 3P
SR73 Low Resistance Flat Chip Resistors
Oct. 2024
More results

Similar Description - SR732BTTDR10G

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73B2A KOA-RK73B2A Datasheet
95Kb / 2P
flat chip resistors (anti-sulfuration)
SG731JRT KOA-SG731JRT Datasheet
90Kb / 2P
surge current flat chip resistors (anti-sulfuration)
SR731ET KOA-SR731ET Datasheet
128Kb / 8P
Low Resistance Flat Chip Resistors
RK73H2ARTTD1002F KOA-RK73H2ARTTD1002F Datasheet
237Kb / 2P
flat chip resistors (anti-sulfuration)
SG732ARTTD103K KOA-SG732ARTTD103K Datasheet
232Kb / 2P
surge current flat chip resistors (anti-sulfuration)
RK73-RT KOA-RK73-RT Datasheet
237Kb / 2P
flat chip resistors (anti-sulfuration)
CN-RT KOA-CN-RT Datasheet
393Kb / 2P
anti sulfuration chip networks
logo
WALSIN TECHNOLOGY CORPO...
WR02X_V WALSIN-WR02X_V Datasheet
234Kb / 7P
General purpose & Anti-sulfuration chip resistors
SFXXQ WALSIN-SFXXQ Datasheet
1Mb / 10P
Anti-Sulfuration Thin Film Chip Resistors
SFXXT WALSIN-SFXXT Datasheet
1Mb / 10P
Anti-Sulfuration Thin Film Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com