Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # S32K310
Description  Data is preliminary
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 3 Page - NXP Semiconductors

  S32K310 Datasheet HTML 1Page - NXP Semiconductors S32K310 Datasheet HTML 2Page - NXP Semiconductors S32K310 Datasheet HTML 3Page - NXP Semiconductors S32K310 Datasheet HTML 4Page - NXP Semiconductors S32K310 Datasheet HTML 5Page - NXP Semiconductors S32K310 Datasheet HTML 6Page - NXP Semiconductors S32K310 Datasheet HTML 7Page - NXP Semiconductors S32K310 Datasheet HTML 8Page - NXP Semiconductors S32K310 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 142 page
background image
Contents
1
Overview............................................................ 5
2
Block diagram.....................................................5
3
Feature comparison......................................... 12
4
Ordering information.........................................17
4.1
Determining valid orderable parts ................ 17
5
General.............................................................17
5.1
Absolute maximum ratings............................18
5.2
Voltage and current operating requirements.20
5.3
Thermal operating characteristics.................22
5.4
ESD and Latch-up Protection Characteristics
...................................................................... 22
6
Power management......................................... 23
6.1
Power mode transition operating behaviors..23
6.1.1
Power mode transition operating behavior... 23
6.1.2
Boot time, HSE firmware not installed.......... 24
6.1.3
Boot time, HSE firmware installed................ 24
6.1.4
HSE firmware memory verification time
examples.......................................................25
6.2
Supply Monitoring......................................... 29
6.3
Recommended Decoupling Capacitors........ 31
6.3.1
Recommended Decoupling Capacitor diagams
...................................................................... 32
6.4
V15 regulator (SMPS option) electrical
specifications................................................ 43
6.5
V15 regulator (BJT option, NPN ballast
transistor control) electrical specifications.... 45
6.6
V11 regulator (NMOS ballast transistor control)
electrical specifications................................. 45
6.7
Supply currents............................................. 46
6.8
Operating mode............................................ 58
6.9
Cyclic wake-up current .................................60
7
I/O parameters................................................. 61
7.1
GPIO DC electrical specifications, 3.3V Range
(2.97V - 3.63V)..............................................61
7.2
GPIO DC electrical specifications, 5.0V (4.5V -
5.5V)............................................................. 64
7.3
5.0V (4.5V - 5.5V) GPIO Output AC
Specification..................................................68
7.4
3.3V (2.97V - 3.63V) GPIO Output AC
Specification..................................................70
8
Glitch Filter....................................................... 72
9
Flash memory specification..............................72
9.1
Flash memory program and erase
specifications................................................ 73
9.2
Flash memory Array Integrity and Margin Read
specifications................................................ 73
9.3
Flash memory module life specifications...... 74
9.3.1
Data retention vs program/erase cycles....... 75
9.4
Flash memory AC timing specifications........ 75
9.5
Flash memory read timing parameters......... 76
10
Analog modules................................................77
10.1
SAR_ADC..................................................... 77
10.2
Supply Diagnosis.......................................... 79
10.3
Low Power Comparator (LPCMP)................ 80
10.4
Temperature Sensor..................................... 83
11
Clocking modules............................................. 84
11.1
FIRC..............................................................84
11.2
SIRC............................................................. 84
11.3
PLL................................................................85
11.4
FXOSC..........................................................86
11.5
SXOSC......................................................... 88
12
Communication interfaces................................89
12.1
LPSPI............................................................89
12.2
LPSPI0 20 MHz and 15 MHz Combinations. 94
12.3
LPSPI2 and LPSPI5 20MHz combination for
S32K388....................................................... 94
12.4
Communication between two S32K388
devices..........................................................95
12.4.1
Timing specification for S32K388 to S32K388
communication..............................................96
12.5
I2C.................................................................97
12.6
FlexCAN characteristics................................97
12.7
SAI electrical specifications.......................... 97
12.7.1
SAI Electrical Characteristics, Slave Mode...97
12.7.2
SAI Electrical Characteristics, Master Mode.98
12.8
Ethernet characteristics.............................. 100
12.8.1
Ethernet MII (10/100 Mbps)........................ 100
12.8.2
Ethernet MII (200 Mbps)............................. 102
12.8.3
Ethernet RMII (10/100 Mbps)......................104
12.8.4
Ethernet RGMII........................................... 106
12.8.5
MDIO timing specifications......................... 107
12.9
QuadSPI..................................................... 108
12.9.1
QuadSPI Quad 3.3V SDR 120MHz............ 108
12.9.2
QuadSPI Octal 3.3V DDR 100MHz............ 110
12.9.3
QuadSPI Quad 3.3V SDR 103.33MHz....... 111
12.9.4
QuadSPI Octal 3.3V DDR 120MHz............ 112
12.9.5
QuadSPI Quad 3.3V SDR 125MHz............ 113
12.10
uSDHC........................................................114
12.10.1
uSDHC SDR electrical specifications......... 114
12.10.2
uSDHC DDR electrical specifications......... 116
12.11
LPUART specifications............................... 117
13
Debug modules.............................................. 117
13.1
Debug trace timing specifications............... 117
13.2
SWD electrical specifications......................118
13.3
JTAG electrical specifications..................... 119
14
Thermal Attributes.......................................... 121
14.1
Description.................................................. 121
14.2
Thermal characteristics...............................122
15
Dimensions.....................................................124
15.1
Obtaining package dimensions...................124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com