Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K310 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # S32K310
Description  Data is preliminary
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 45Page - NXP Semiconductors S32K310 Datasheet HTML 46Page - NXP Semiconductors S32K310 Datasheet HTML 47Page - NXP Semiconductors S32K310 Datasheet HTML 48Page - NXP Semiconductors S32K310 Datasheet HTML 49Page - NXP Semiconductors S32K310 Datasheet HTML 50Page - NXP Semiconductors S32K310 Datasheet HTML 51Page - NXP Semiconductors S32K310 Datasheet HTML 52Page - NXP Semiconductors S32K310 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 142 page
background image
Table 16. Low speed RUN mode supply currents
Chip
Low Speed RUN Mode (mA) 1
S32K388
25, typ 7
NA
TBD
TBD
NA
TBD
TBD
NA
TBD
TBD TBD
25, max 8
TBD
TBD
TBD
TBD
TBD
TBD TBD
85, typ 7
TBD
TBD
TBD
TBD
TBD
TBD TBD
85, max 8
TBD
TBD
TBD
TBD
TBD
TBD TBD
105, typ 7
TBD
TBD
TBD
TBD
TBD
TBD TBD
105, max 8
TBD
TBD
TBD
TBD
TBD
TBD TBD
125, typ 7
TBD
TBD
TBD
TBD
TBD
TBD TBD
125,
max 8, 9
TBD
TBD
TBD
TBD
TBD
TBD TBD
S32K358,
S32K348,
S32K338,
S32K328
25, typ 7
NA
3.1
34.1
NA
3.0
8.5
NA
3.2
63.3 1.6
25, max 8
3.6
52.7
3.5
26.4
3.7
83.0 2.4
85, typ 7
3.1
60.6
3.1
34.9
3.2
90.2 1.6
85, max 8
3.7
182.9
3.7
155.5
3.8
212.3 2.4
105, typ 7
3.2
88.4
3.2
62.4
3.3
117.8 1.6
105, max 8
3.9
297.2
3.9
273.9
4.0
323.4 2.4
125, typ 7
3.5
136.6
3.4
110.5
3.5
166.3 1.6
Table continues on the next page...
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 9, 01/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
49 / 142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com