Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK73B2ARTTPL1002F Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # RK73B2ARTTPL1002F
Description  RK73B・RK73H・RK73Z-RTFlat Chip Resistors (Anti Sulfuration)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RK73B2ARTTPL1002F Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  RK73B2ARTTPL1002F Datasheet HTML 1Page - KOA Speer Electronics, Inc. RK73B2ARTTPL1002F Datasheet HTML 2Page - KOA Speer Electronics, Inc. RK73B2ARTTPL1002F Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
THICK FILM(ANTI SULFURATION) EU
RoHS
RK73B・RK73H・RK73Z-RT FlatChipResistors(AntiSulfuration)
① Protective coating
② Resistive film
③ Inner electrode
④ Ni plating
⑤ Sn plating
⑥ Ceramic substrate
L
c
c
W
t
d
③
②
①
④
⑤
⑥
Coating Color:
Black(RK73B 1F, 1H, 1E, 1J, 2A, 2B, 2E, W2H, W3A, W3A2)
(RK73H 1F, 1H)(RK73Z 1J, 2A, 2B, 2E, W2H, W3A)
Blue(RK73H 1E, 1J, 2A, 2B, 2E, W2H, W3A, W3A2)
Green(RK73Z 1H, 1E)
■Construction
■Dimensions
■Features
・Excellent anti-sulfuration characteristic due to using high
sulfuration-proof inner top electrode material.
・Excellent heat resistance and weather resistance are
ensured by the use of metal glaze thick film.
・High stability and high reliability with the triple-layer
structure of electrode.
・Suitable for both flow and reflow solderings.
・This products meet EU-RoHS requirements. EU-RoHS
regulation is not intended for Pb-glass contained in
electrode, resistor element and glass.
・AEC-Q200 Tested. (Exemption 1F)
■Applications
・Car electronics, Power supply, Industrial robot
■Reference Standards
 IEC 60115-8
 JIS C 5201-8
 EIAJ RC-2134C
RK73Z
RK73H
RK73B
■Derating Curve
For resistors operated at an ambient temperature of 70℃ or
higher, the power (for RK73B, RK73H) or a current rating (for
RK73Z) shall be derated in accordance with the above derating
curve.
When the terminal part temperature of the resistor exceeds the rated terminal part temperature shown above, the power shall be
derated according to the derating curve.
※Please refer to“Introduction of the derating curves based on the terminal part temperature”on the beginning of our catalog before use.
100
80
60
40
20
0
-60 -40 -20
020406080 100 120 140 160
70
155
-55
Ambient temperature(℃)
125
1F
1H,1E,1J,2A,2B
2E,W2H,W3A(1W),
W3A2(2W)
-40
-60-20
0204060
-55
80 100 120
125
155
140 160
Terminal part temperature(℃)
1H,1E,1J,2A,2B,2E,
W2H,W3A(1W)
100
80
60
40
20
0
(%)
100
80
60
40
20
0
-60 -40 -20
0204060
95
-55
80 100 120
155
140 160
Terminal part temperature(℃)
あ1
あ1
Type
(Inch Size Code)
Dimensions(mm)
Weight(g)
(1000pcs)
L
W
c
d
t
1F(01005)
0.4±0.02
0.2±0.02
0.1±0.03 0.11±0.03 0.13±0.02
0.04
1H(0201)
0.6±0.03
0.3±0.03
0.1±0.05 0.15±0.05 0.23±0.03
0.14
1E(0402)
1.0+0.1
−0.05
0.5±0.05
0.2±0.1
0.25+0.05
−0.1
0.35±0.05
0.68
1J(0603)
1.6±0.2
0.8±0.1
0.3±0.1
0.3±0.1
0.45±0.1
2.14
2A(0805)
2.0±0.2
1.25±0.1
0.4±0.2
0.3+0.2
−0.1
0.5±0.1
4.54
2B(1206)
3.2±0.2
1.6±0.2
0.5 ±0.3
0.4+0.2
−0.1
0.6±0.1
9.14
2E(1210)
2.6±0.2
15.5
W2H(2010)
5.0±0.2
2.5±0.2
0.65±0.15
24.3
W3A(2512)
6.3±0.2
3.1±0.2
37.1
W3A2(2512)※1
■Type Designation
 Example
Contact us when you have control request for environmental hazardous material other than the substance specified by EU-RoHS.
For further information on taping, please refer to APPENDIX C on the back pages.
RK73B・RK73H・RK73Z-RT
Ambient temperature
RK73B・RK73H・RK73Z-RT
Terminal part temperature
RK73B・RK73H-RT
Terminal part temperature W3A2
Product
Code
RK73B
RK73H
Power
Rating
1F: 0.03W
1H: 0.05W
1E: 0.1W
1J : 0.1W
0.125W
2A: 0.25W
2B: 0.25W
2E: 0.5W
W2H:0.75W
W3A :1W
W3A2 :2W※3
RK73H
2A
Characteristic
R:Anti
sulfuration
R
Terminal
Surface Material
T:Sn
Taping
TX:4mm width-1mm pitch
plastic embossed
TBL・TCM:2mm pitch
press paper
TPL・TP:2mm pitch
punch paper
TD:4mm pitch
punch paper
TE:4mm pitch
plastic
embossed
BK:Bulk
Nominal
Resistance
RK73B:3 digits
RK73H:4 digits
Resistance
Tolerance
D: ±0.5%
F : ±1%
G: ±2%
J : ±5%
T
TD
1002
F
Product
Code
RK73Z
Current
Rating
1H: 0.5A
1E: 1A
1J : 1A
2A: 2A
2B: 2A
2E: 2A
W2H: 2A
W3A: 2A
Characteristic
R:Anti
sulfuration
RK73Z
2A
R
Terminal
Surface Material
T:Sn
Taping
TCM: 2mm pitch
    press paper
TPL・TP: 2mm pitch
punch paper
TD:4mm pitch
punch paper
TE:4mm pitch
plastic
embossed
BK:Bulk
T
TD
※1 Exemption RK73Z
■Ratings
RK73B, RK73H
RK73Z
Type
Power
Rating
Rated
Ambient
Temp.
Rated
Terminal
Part Temp.
T.C.R.
(×10−6/K)
Resistance Range(Ω)
Max.
Working
Voltage
Max.
Overload
Voltage
Packaging & Q'ty/Reel
(pcs)
RK73H
RK73B
D:±0.5%
E24・E96
F:±1%
E24・E96
G:±2%
E24
J:±5%
E24
TX
TBL
TCM※5
TPL・TP
TD
TE
1F
0.03W
70℃
−
±200
−
100k∼2M※2
100k∼1M
100k∼10M
20V
30V
40,000
20,000
−
−
−
−
±250
10∼91k※2
10∼91k
10∼91k
0∼+300
−
1∼9.1
1∼9.1
1H
0.05W
70℃
125℃
±200
100∼100k
100∼1M
−
100∼1M
25V
50V
−
−
15,000
−
−
−
±300
−
10∼97.6
10∼91
1E
0.1W
70℃
125℃
±100
100∼1M
10∼1M
−
−
75V
100V
−
−
−
TPL:20,000
TP :10,000
−
−
±200
−
1.02M∼10M
10∼10M
1∼10M
1J
0.1W
70℃
125℃
±100
1.02k∼1M
.1.02k∼1M
−
−
−
−
−
TP :10,000※4
5,000
−
±200
−
1.02M∼10M
1.1k∼10M
1.1k∼10M
0.125W
±100
100∼1k
10∼1k
−
−
±200
−
−
10∼1k
1∼1k
2A
0.25W
70℃
125℃
±100
100∼1M
10∼1M
−
−
150V
200V
−
−
−
TP :10,000※4
5,000
4,000※4
±200
−
1.02M∼10M
10∼10M
1∼10M
2B
0.25W
70℃
125℃
±100
100∼1M
10∼1M
−
−
200V
400V
−
−
−
−
5,000
4,000※4
±200
−
1.02M∼10M
10∼10M
1∼10M
2E
0.5W
70℃
125℃
±100
100∼1M
10∼1M
−
−
−
−
−
−
5,000
4,000※4
±200
−
−
10∼1M
1∼1M
W2H
0.75W
70℃
125℃
±100
10∼1M
10∼1M
−
−
−
−
−
−
−
4,000
±200
−
1∼9.76
1.02M∼10M
1∼10M
1∼10M
W3A
1W
70℃
125℃
±100
10∼1M
10∼1M
−
−
−
−
−
−
−
4,000
±200
−
1.02M∼10M
10∼10M
1∼10M
W3A2
2W※3
70℃
95℃
±100
10∼1M
10∼1M
−
−
200V
400V
−
−
−
−
−
4,000
±200
−
1.02M∼10M
10∼10M
1∼10M
Type
Rated Ambient
Temperature
Rated Terminal
Part Temp.
Resistance
Current Rating
Max. Overload
Current
Operating
Temp. Range
Packaging & Q'ty/Reel(pcs)
TCM※5
TPL・TP
TD
TE
1H
70℃
125℃
100mΩmax.
0.5A
1A
−55℃∼+155℃
15,000
−
−
−
1E
70℃
125℃
50mΩmax.
1A
2A
−
TPL:20,000
TP :10,000
−
−
1J
−
TP :10,000※4
5,000
−
2A
70℃
125℃
50mΩmax.
2A
5A
−
TP :10,000※4
5,000
4,000※4
2B
10A
−
−
5,000
4,000※4
2E
−
−
5,000
4,000※4
W2H
−
−
−
4,000
W3A
−
−
−
4,000
Operating Temperature Range:−55℃∼+125℃(1F)、−55℃∼+155℃(1H・1E・1J・2A・2B・2E・W2H・W3A・W3A2)
Rated voltage= Power Rating×Resistance value or Max. working voltage, whichever is lower.
※2 The nominal resistance value for RK73H1F (F:±1%) is E24.
※3 If you use at the rated power, please keep the condition that the terminal of the resistor is below the rated terminal part temperature. Please refer to the derating curves based on the terminal
temperature of right side on the previous page.
※4 Standard packaging:TD(4mm pitch punch paper)
※5 Standard taping specification of 1H is TCM. Previously available“TC(10,000pcs/Reel)”is not recommended for new designs.
If any questions arise whether to use the“Rated Ambient Temperature”or the“Rated Terminal Part Temperature”in your usage conditions, please give priority to the“Rated Terminal Part Temperature”.
For more details, please refer to“Introduction of the derating curves based on the terminal part temperature”on the beginning of our catalog.
While using under high power, the temperature of the product may increase depending on the condition of heat dissipation from PCB.
Be sure to check the terminal part temperature as well as precausions to use on delivery specifications before use.
√ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄
■Temperature Rise
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
RK73B 2A-2E
2E
2E
2B
2A
2B
2A
0
50
100
150
200
250
300
0
25
50
75
100
Power Rating(%)
RK73B W2H-W3A2
W3A2
W3A2
W3A
W2H
W3A
W2H
②:Terminal
①:Hot spot
Measurement condition
Room temperature: 25℃
PCB: FR-4t = 1.6mm
Cu foil thickness: 35µm
Power Rating(%)
0
10
20
30
40
50
60
0
25
50
75
100
1E
1J
1E
1J
1H
1F
1H
1F
RK73B 1F-1J
Power Rating(%)
Regarding the temperature rise, the
value of the temperature varies per
conditions and board for use since the
temperature is measured under our
measuring conditions.
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
RK73H 2A-2E
2E
2E
2B
2A
2B
2A
0
50
100
150
200
250
300
0
25
50
75
100
Power Rating(%)
RK73H W2H-W3A2
W3A2
W3A2
W3A
W2H
W3A
W2H
Power Rating(%)
0
10
20
30
40
50
60
0
25
50
75
100
1E
1J
1E
1J
1H
1F
1H
1F
RK73H 1F-1J
Power Rating(%)
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
Oct. 2024



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com