Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK73B2ARTTPL1002F Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # RK73B2ARTTPL1002F
Description  RK73B・RK73H・RK73Z-RTFlat Chip Resistors (Anti Sulfuration)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RK73B2ARTTPL1002F Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  RK73B2ARTTPL1002F Datasheet HTML 1Page - KOA Speer Electronics, Inc. RK73B2ARTTPL1002F Datasheet HTML 2Page - KOA Speer Electronics, Inc. RK73B2ARTTPL1002F Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
■Precautions for Use
・The substrate of chip resistors is alumina. Cracks may occur at the connection of solder (solder fillet portion) due to the difference of the coefficient of thermal
expansion from a mounting board when heat stress like heat cycle, etc. are repeatedly given to them. Care should be taken to the occurrence of the cracks when
the change in ambient temperature or ON/OFF of load is repeated, especially when large types of W2H/W3A/W3A2 which have large thermal expansion and
also self heating. By general temperature cycle test using glass-epoxy(FR-4) boards under the maximum/minimum temperatures of operating temperature range,
the crack does not occur easily in the types of 1F∼2E, but the crack tends to occur in the types of W2H/W3A/W3A2. The occurrence of the crack by heat
stress may be influenced by the size of a pad, solder volume, heat radiation of mounting board etc., so please pay careful attention to designing when a big change
in ambient temperature and conditions for use like ON/OFF of load can be assumed.
・Care should be taken that RK73B1F and RK73H1F may be damaged when static electricity occurs and is applied in the equipment assembly process.
■Performance
Test Items
RK73H, RK73B
RK73Z
Test Methods
Performance Requirements ΔR±(%+0.1Ω)
Performance Requirements
Limit
Typical
Limit
Typical
Resistance
Within specified tolerance ̶
R≦100mΩ:1H
R≦50mΩ:others
R≦90mΩ:1H
R≦40mΩ:others 25℃
T.C.R.
Within specified T.C.R.
̶
̶
̶
+25℃/−55℃ and +25℃/+125℃
Overload(Short time)
2
1:1F
0.8:others
R≦100mΩ:1H
R≦50mΩ:others
R≦90mΩ:1H
R≦40mΩ:others
RK73B,RK73H : Rated voltage×2.5 for 5s (1E, 2B, W3A2:Rated voltage×2 for 5s)
Max. overload current, 5s
Resistance to soldering heat 1:10Ω≦R≦1MΩ
3:R<10Ω, R>1MΩ
1:R<10Ω, R>1MΩ
0.5:others
R≦100mΩ:1H
R≦50mΩ:others
R≦90mΩ:1H
R≦40mΩ:others 260℃±5℃, 10s±1s
Rapid change of temperature 1:1F
0.5:others
0.5:1F
0.3:others
R≦100mΩ:1H
R≦50mΩ:others
R≦90mΩ:1H
R≦40mΩ:others −55℃(30min.)/+125℃(30min.)100 cycles
Moisture resistance
2:1J, 2A, 2B
3:others
0.75:1J, 2A, 2B
1.5:1F
1:others
R≦150mΩ:1H
R≦100mΩ:others
R≦100mΩ:1H
R≦50mΩ:others
40℃±2℃, 90%∼95%RH, 1000h
1.5h ON/0.5h OFF cycle
Endurance at 70℃ or rated
terminal part temperature
2:1J, 2A, 2B
3:others
0.75:1J, 2A, 2B
1:others
R≦150mΩ:1H
R≦100mΩ:others
R≦100mΩ:1H
R≦50mΩ:others
70℃±2℃ or rated terminal part temperature ±2℃ 1000h
1.5h ON/0.5h OFF cycle
High temperature exposure
1
0.5
R≦150mΩ:1H
R≦100mΩ:others
R≦100mΩ:1H
R≦50mΩ:others
+125℃, 1000h:1F
+155℃, 1000h:1H, 1E, 1J, 2A, 2B, 2E, W2H, W3A, W3A2
Sulfuration test
5
0.3:1F, 1H
0.2:others
R≦150mΩ:1H
R≦100mΩ:others
R≦100mΩ:1H
R≦50mΩ:others Soaked in industrial oil with sulfur substance 3.5% contained 105℃ ±3℃ 500h
■One-Pulse Limiting Electric Power
Pulse Duration(ms)
0.001
0.01
0.1
1
10
100
1000
RK73B 1F-2A
RK73B 2B-W3A2
100
10
1
0.1
0.01
Pulse Duration(ms)
0.001
0.01
0.1
1
10
100
1000
1000
100
10
1
2A
1J
1E
1H
1F
W3A/W3A2
2H/W2H
2E
2B
The maximum applicable voltage is equal to the max. overload voltage.
Please ask us about the resistance characteristic of continuous applied pulse.
The pulse endurance values are not assured values,so be sure to check the
products on actual equipment when you use them.
Pulse Duration(ms)
0.001
0.01
0.1
1
10
100
1000
RK73H 1F-2A
RK73H 2B-W3A2
100
10
1
0.1
0.01
Pulse Duration(ms)
0.001
0.01
0.1
1
10
100
1000
1000
100
10
1
2A
1J
1E
1H
1F
W3A/W3A2
2H/W2H
2E
2B
Pulse Duration(ms)
0.001
0.01
0.1
1
10
100
1000
RK73Z 1H-2A
RK73Z 2B-W3A
100
10
1
0.1
0.01
Pulse Duration(ms)
0.001
0.01
0.1
1
10
100
1000
1000
100
10
1
2A
1J
1E
1H
W3A
W2H
2E
2B
Please ask us about the resistance characteristic of continuous applied pulse.
Please calculate One-Pulse Limiting Electric Power using upper limit of
resistance (50mΩ or 100mΩ) for applied current.
The pulse endurance values are not assured values,so be sure to check the
products on actual equipment when you use them.
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
Oct. 2024



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com