Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMU2D-R Datasheet(PDF) 7 Page - Mean Well Enterprises Co., Ltd.

Part # CMU2D-R
Description  Multi-Industry General Purpose Smart Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

CMU2D-R Datasheet(HTML) 7 Page - Mean Well Enterprises Co., Ltd.

Back Button CMU2D-R Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. CMU2D-R Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. CMU2D-R Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. CMU2D-R Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. CMU2D-R Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. CMU2D-R Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. CMU2D-R Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. CMU2D-R Datasheet HTML 10Page - Mean Well Enterprises Co., Ltd. CMU2D-R Datasheet HTML 11Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
File Name:CMU2-SPEC 2024-03-19
Multi-Industry General Purpose Smart Controller
CMU2 series
Pin No.
Function
1
DIN 1
FG
DIN 2
DIN 3
DIN 4
DIN 5
2,4,6,8,10
3
5
7
9
Description
The isolated digital input signal with FG as reference
Open from FG or +5V : Logic "1" input to CMU2
Short to FG or 0V : Logic "0" input to CMU2
The isolated digital input signal with FG as reference
Open from FG or +5V : Logic "1" input to CMU2
Short to FG or 0V : Logic "0" input to CMU2
Common FG for DINx
※ DIN Connector Pin No. Assignment (DIN)
Pin No.
Pin No.
Pin No.
Pin No.
Pin No.
Function
Function
Function
Function
Function
1
1
1,2,3,5,9,
10,11,13
1,2,3,5,9,
10,11,13
D- / DB
+5V_AUX
NC
NC
2
2
4,12
4,12
2
1
3
6,14
6,14
3
4
7,15
7,15
4,5,7,8
5,6
8,16
3,4
8,16
6
D+ /DA
RXD
CONTROL
CONTROL
TX+
TX-
RX+
FG
RX-
FG
SDA
CAN-H
TXD
SCL
CAN-L
NC
FG
FG
FG
Description
Description
Description
Description
Description
Differential digital signal used in the RS485 interface
VCC
Not use
Not use
Differential digital signal used in the RS485 interface
Data receiving pin of RS-232 interface
Remote ON/OFF control pin (Note)
Remote ON/OFF control pin (Note)
Transmit data used in the Ethernet interface
Common FG for signal
Serial Data used in the PMBus interface (Note)
CAN-H used in the CAN Bus interface (Note)
Receive data used in the Ethernet interface
Data transmitting pin of RS-232 interface
Serial Clock used in the PMBus interface (Note)
CAN-L used in the CAN Bus interface (Note)
Common FG for signal
Not used
Common FG for signal
Common FG for signal
Common FG for signal
Receive data used in the Ethernet interface
※ RS-485 Connector Pin No. Assignment (RS-485) & Extension Cards(RS-485): DECA ME030-5802 or equivalent
※ RS-232 Connector Pin No. Assignment (RS-232): RJ11 6 position
※ PMBus Connector Pin No. Assignment (PMBus) & Extension Cards(PMBus (PMBus 1,PMBus 2)): RJ45 8 positions
※ CANBus Connector Pin No. Assignment (CANBus) & Extension Cards(CANBus (CANBus 1,CANBus 2)): RJ45 8 positions
※ Ethernet Connector Pin No. Assignment (Ethernet): RJ45 8 position
Note: Isolated signal, with FG as reference
Note: Isolated signal, with FG as reference
Pin No.
Function
1,4,6,7,8,9
NC
RXD
TXD
GND-FG
2
3
4
Description
Not used
Data receiving pin of RS-232 interface
Data transmitting pin of RS-232 interface
RS-232 common GND. This signal connects to FG and isolated from -V and GND-AUX
※ Extension Cards(RS-232)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com