Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMU2D-R Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # CMU2D-R
Description  Multi-Industry General Purpose Smart Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

CMU2D-R Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  CMU2D-R Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. CMU2D-R Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. CMU2D-R Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. CMU2D-R Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. CMU2D-R Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. CMU2D-R Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. CMU2D-R Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. CMU2D-R Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. CMU2D-R Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Multi-Industry General Purpose Smart Controller
■ Description
Integration on system power
2 models in 3U 19-inch rackmount and standalone
configurations
7" touch Panel and buttons for easy on-site operation
Ethernet port for on-site or remote monitor and control over
the system
Selectable PMBus, CANbus, RS-485, and RS-232
communication protocols
Support Data/ Event log with date and time
Support max. 32G SDHC SD card
Four user programmable relay outputs for conventional
remote monitoring or warning
Web-based monitor/control UI provided for various applications
5 years warranty
■ Features
■ Applications
Industrial automation
EV Charging station
Burn-in systems
UV curing equipment
Laser diode machines
Telecommunication systems
Horticulture lighting
Building decoration lighting
Inverter
CMU2 is a fully digitalized smart controller that can execute tasks of monitoring and controlling over
power system. CMU2 implements a 7" LCD touch panel to achieve intuitive operation, and developed a
brand new web monitoring page for faster and smarter management . CMU2 not only being used to
monitor the operating parameters and data of PSUs, such as output voltage, output current, internal
temperature, fan rpm, series number and firmware version, but also can be used to adjust output voltage
and current. In addition, it can remotely control single PSU or entire power system through LAN or
internet.
CMU2 series
Video
Back
Front
Back
Front
Bottom
Bottom
Standalone type
Rack mount type
File Name:CMU2-SPEC 2024-
03-19
■ Model Encoding
CMU2
-
-
-R: Rackmount type
Blank: Standalone
Extension cards (Note 1)
C: CANbus
P: PMBus
R: RS-232/RS-485/USB
#: Blank slot
Note 1: Fixed by application
Note 2:
Please contact MEAN WELL or
access the installation manual
Series name
Application (Note 2)
A: Burn-in test system (optional)
B: Horticulture lighting (under developement)
C: Power management
D: EV Charging (under developement)
E: Inverter management
F: Other application (to be defined)
A R B C D
Slot 1 Slot 2 Slot 3
https://www.meanwell.com/serviceGTIN.aspx
MW Search:
■ GTIN CODE
User’s Manual


Similar Part No. - CMU2D-R

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
CMU2 MEANWELL-CMU2 Datasheet
1Mb / 10P
Multi-Industry General Purpose Smart Controller
2022-04-26
logo
Rohde & Schwarz (Austra...
CMU200 ROHDE-CMU200 Datasheet
491Kb / 46P
CMU200 Universal Radio Communication Tester
Version 08.01 July 2007
logo
Cree LED
CMU2236 CREELED-CMU2236 Datasheet
1Mb / 20P
XLamp® CMU2236 LED
REV 2
CMU2236-0000-000N0B0A30E CREELED-CMU2236-0000-000N0B0A30E Datasheet
1Mb / 20P
XLamp® CMU2236 LED
REV 2
CMU2236-0000-000N0B0A40E CREELED-CMU2236-0000-000N0B0A40E Datasheet
1Mb / 20P
XLamp® CMU2236 LED
REV 2
More results

Similar Description - CMU2D-R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB2121 SIEMENS-PSB2121 Datasheet
222Kb / 13P
General-Purpose Power Controller
logo
Holtek Semiconductor In...
HT761X HOLTEK-HT761X Datasheet
164Kb / 11P
General Purpose PIR Controller
24th Mar 97
logo
List of Unclassifed Man...
GPC150 ETC-GPC150 Datasheet
1Mb / 103P
General Purpose Controller Z84C15
logo
Holtek Semiconductor In...
HT7612 HOLTEK-HT7612 Datasheet
276Kb / 18P
General Purpose PIR Controller
November 12, 2009
HT761X HOLTEK-HT761X_09 Datasheet
154Kb / 12P
General Purpose PIR Controller
October 12, 2009
HT7612 HOLTEK-HT7612_10 Datasheet
257Kb / 18P
General Purpose PIR Controller
HT7612 HOLTEK-HT7612_11 Datasheet
298Kb / 20P
General Purpose PIR Controller
logo
Omron Electronics LLC
G8HN OMRON-G8HN_V01 Datasheet
214Kb / 3P
General, multi-purpose relay
logo
Mean Well Enterprises C...
CMU2 MEANWELL-CMU2 Datasheet
1Mb / 10P
Multi-Industry General Purpose Smart Controller
2022-04-26
logo
Black Box Registered Tr...
BB-400 BLACKBOX-BB-400 Datasheet
2Mb / 8P
BB-400 NeuronEdge Smart Controller for Industry 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com