Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1534AD Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST1534AD
Description  500mA SMART LDO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1534AD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST1534AD Datasheet HTML 6Page - STMicroelectronics ST1534AD Datasheet HTML 7Page - STMicroelectronics ST1534AD Datasheet HTML 8Page - STMicroelectronics ST1534AD Datasheet HTML 9Page - STMicroelectronics ST1534AD Datasheet HTML 10Page - STMicroelectronics ST1534AD Datasheet HTML 11Page - STMicroelectronics ST1534AD Datasheet HTML 12Page - STMicroelectronics ST1534AD Datasheet HTML 13Page - STMicroelectronics ST1534AD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ST1534A
10/15
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.30
4.80
0.169
0.188
A2
0.03
0.23
0.001
0.009
C
1.17
1.37
0.046
0.053
D
2.40
2.80
0.094
0.110
D1
8.95
9.35
0.352
0.368
E
0.45
0.60
0.017
0.023
F
0.80
1.05
0.031
0.041
G
3.20
3.60
0.126
0.142
G1
6.60
7.00
0.260
0.275
H1
8.5
0.334
0.409
H2
10.00
10.40
0.393
0.409
L
15
15.85
0.590
0.624
L1
8
0.315
L2
1.27
1.40
0.050
0.055
M
2.4
3.2
0.094
0.126
R
0.40
0.016
V2
0˚
8˚
0˚
8˚
P2PAK/A MECHANICAL DATA
7157127/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com