Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1534AD Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST1534AD
Description  500mA SMART LDO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1534AD Datasheet(HTML) 2 Page - STMicroelectronics

  ST1534AD Datasheet HTML 1Page - STMicroelectronics ST1534AD Datasheet HTML 2Page - STMicroelectronics ST1534AD Datasheet HTML 3Page - STMicroelectronics ST1534AD Datasheet HTML 4Page - STMicroelectronics ST1534AD Datasheet HTML 5Page - STMicroelectronics ST1534AD Datasheet HTML 6Page - STMicroelectronics ST1534AD Datasheet HTML 7Page - STMicroelectronics ST1534AD Datasheet HTML 8Page - STMicroelectronics ST1534AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ST1534A
2/15
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
THERMAL DATA
CONNECTION DIAGRAM (top view)
PIN DESCRIPTION
ORDERING INFORMATION
(*) PPAK and SO-8 are available in Tape & Reel with the suffix "-TR".
(#) P2PAK is availableinTape& Reel with thesuffix "-R".
Symbol
Parameter²
Value
Unit
VI
DC Input Voltage
-0.3 to 7
V
VSHDN
Shutdown Input Voltage
-0.3 to 7
V
IO
Output Current
Internally limited
mA
Tstg
Storage Temperature Range
-40 to +125
°C
Top
Operating Junction Temperature Range
0to +85
°C
Symbol
Parameter
PPAK
P2PAK
SO-8
Unit
Rthj-case Thermal Resistance Junction-case
83
20
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
100
50
55
°C/W
SO-8
P2PAK
PPAK
Pin PPAK/P2PAK
Pin SO/8
Symbol
Name and Function
1
1
AUX
Auxiliary Input port typically 3.3V
2
2
IN
Input port typically 5V
3
5, 6, 7, 8
GND
Ground
4
3
OUT
LDO 3.3V Output Port
5
4
DR
Drive Output for external P-Channel MOSFET pass element
TYPE
PPAK (*)
P2PAK (#)
SO-8 (*)
ST1534A
ST1534APT
ST1534AP2T
ST1534AD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com