Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1430488 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1430488
Description  Flush-type connector - SACC-E-MSB-5CON-M16/0,5 SCO - 1520013
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1430488 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1430488 Datasheet HTML 1Page - PHOENIX CONTACT 1430488 Datasheet HTML 2Page - PHOENIX CONTACT 1430488 Datasheet HTML 3Page - PHOENIX CONTACT 1430488 Datasheet HTML 4Page - PHOENIX CONTACT 1430488 Datasheet HTML 5Page - PHOENIX CONTACT 1430488 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/gb/products/1520013
01/23/2017   Page 1 / 6
Flush-type connector - SACC-E-MSB-5CON-M16/0,5 SCO - 1520013
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Fieldbus flush-type plug, INTERBUS/PROFIBUS, 5-pos., M12 SPEEDCON, B-coded, front/screw mounting
with M16 thread, with 0.5 m TPE litz wire, 5x 0.34 mm²
Why buy this product
 Pre-assembled with litz wires for immediate use
 Customer-specific assemblies and litz wire lengths available
 Sealed on the litz wire side for optimum leak-tightness
 All standard pin assignments and codings for signal, data, and power transmission with a uniform design-in design
 For high transmission safety: shield connection to the housing with optional EMC nut
 SPEEDCON fast locking system reduces cabling times
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4046356020107
Weight per Piece (excluding packing)
21.100 g
Custom tariff number
85444290
Country of origin
Germany
Technical data
Dimensions
Length of cable
0.5 m
Ambient conditions
Ambient temperature (operation)
-25 °C ... 85 °C (Plug / socket)
Degree of protection
IP67
General
Note
The electrical and mechanical data specified assume that the connector
pair is correctly locked and mounted. If the connector is unlocked and if


Similar Part No. - 1430488

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1430488 PHOENIX-1430488 Datasheet
230Kb / 3P
Sealing cap - PROT-M12 FS-M
1430488 PHOENIX-1430488 Datasheet
84Kb / 5P
Flush-type connector - SACC-E-M12MS-5P-M16XL/0,5 - 1411579
12/22/2016
1430488 PHOENIX-1430488 Datasheet
98Kb / 5P
Flush-type connector - SACC-DSI-M12MSB-5CON-M16/0,5 - 1419661
01/20/2017
1430488 PHOENIX-1430488 Datasheet
103Kb / 6P
Flush-type connector - SACC-DSI-M12MS-8CON-M16/0,5 - 1419687
01/25/2017
1430488 PHOENIX-1430488 Datasheet
104Kb / 5P
Panel feed-through - SACC-DSI-MS-5CON-M12 SCO - 1551833
01/23/2017
More results

Similar Description - 1430488

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1027666 PHOENIX-1027666 Datasheet
116Kb / 7P
Flush-type connector - SACC-DSI-FS-5CON-M16/0,5 PP
1027683 PHOENIX-1027683 Datasheet
116Kb / 7P
Flush-type connector - SACC-E-FS-5CON-M16/0,5 PP
1027686 PHOENIX-1027686 Datasheet
116Kb / 7P
Flush-type connector - SACC-E-FSD-4CON-M16/0,5 PP
1436398 PHOENIX-1436398 Datasheet
62Kb / 4P
Flush-type connector - SACC-E-M12MS-5CON-M16 PSCUP
1552324 PHOENIX-1552324 Datasheet
77Kb / 4P
Flush-type connector - SACC-DSI-MSB-5CON-L180/12 SCO
1458871 PHOENIX-1458871 Datasheet
118Kb / 7P
Flush-type connector - SACC-E-M12FS-5CON-M16/0,5 VA
09/11/2020
1523502 PHOENIX-1523502 Datasheet
121Kb / 7P
Flush-type connector - SACC-EC-MS-8CON-M16/0,5 SCO
09/11/2020
1556294 PHOENIX-1556294 Datasheet
151Kb / 10P
Flush-type connector - SACC-E-FS-17CON-M16/0,5 SCO
09/11/2020
1520039 PHOENIX-1520039 Datasheet
1Mb / 15P
SACC-E-FS-5CON-M16/0,5 SCO - Device connector front mounting
1520055 PHOENIX-1520055 Datasheet
549Kb / 14P
SACC-E-MS-5CON-M16/0,5 SCO - Device connector front mounting
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com