Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1430488 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1430488
Description  Flush-type connector - SACC-E-MSB-5CON-M16/0,5 SCO - 1520013
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1430488 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1430488 Datasheet HTML 1Page - PHOENIX CONTACT 1430488 Datasheet HTML 2Page - PHOENIX CONTACT 1430488 Datasheet HTML 3Page - PHOENIX CONTACT 1430488 Datasheet HTML 4Page - PHOENIX CONTACT 1430488 Datasheet HTML 5Page - PHOENIX CONTACT 1430488 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/gb/products/1520013
01/23/2017   Page 2 / 6
Flush-type connector - SACC-E-MSB-5CON-M16/0,5 SCO - 1520013
Technical data
General
there is a danger of contamination, the connector must be sealed using
a protective cap > IP54. Influences arising from litz wires, cables or PCB
assembly must also be taken into consideration.
Rated current at 40°C
4 A
Rated voltage
60 V
Rated surge voltage
1.5 kV
Number of positions
5
Insulation resistance
≥ 100 MΩ
Coding
B - inverse
Standards/regulations
M12 connector IEC 61076-2-101
Signal type/category
Universal
Status display
No
Overvoltage category
II
Degree of pollution
3
Connection method
Individual wires
Insertion/withdrawal cycles
> 100
Torque
3 Nm ... 4 Nm (Installation-side)
Mounting type
Front mounting M16 x 1.5
Material
Flammability rating according to UL 94
V0
Contact material
CuZn
Contact surface material
Ni/Au
Contact carrier material
PA 66
Material of grip body
Zinc die-cast, nickel-plated
Material, knurls
Zinc die-cast, nickel-plated
Sealing material
FKM
Cable
Cable type
TPE litz wire
Conductor cross section
0.34 mm²
AWG signal line
22
Conductor structure signal line
7x 0.25 mm
Core diameter including insulation
1.2 mm ±0.07 mm
Thickness, insulation
0.21 mm
Wire colors
Black, brown,blue, white, gray
Material conductor insulation
TPE
Conductor material
Tin-plated Cu litz wires
Standards/specifications
M12 connector IEC 61076-2-101
Insulation resistance
≥ 20 MΩ*km
Conductor resistance
≤ 57.6 mΩ/m
Nominal voltage, cable
300 V
Test voltage, cable
2000 V AC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com