Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF463C Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SF463C
Description  CDMA 450 High Rejection RX Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SF463C Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SF463C Datasheet HTML 1Page - SIPAT Co,Ltd SF463C Datasheet HTML 2Page - SIPAT Co,Ltd SF463C Datasheet HTML 3Page - SIPAT Co,Ltd SF463C Datasheet HTML 4Page - SIPAT Co,Ltd SF463C Datasheet HTML 5Page - SIPAT Co,Ltd SF463C Datasheet HTML 6Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SF463C
Rev. Date
2005-12-15
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
PR6.0
Page 1/6
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
CDMA 450 High Rejection RX Filter
System Designator
C
Function
RX
Part Number:
SF463C
1. Test conditions
RF power
0
dBm
Room Temperature
25
°C
Terminating source impedance (ZS):
50
 
Terminating load impedance (ZL):
50
 
2. Specifications
Minimum
Typical
Maximum
Unit
Centre frequency
462.4
MHz
Pass Band
460
464.8
MHz
Insertion Loss in Pass Band
2.0
3.8
dB
VSWR in Pass Band
1.5:1
2.0:1
Absolute Rejection
0.3 MHz – 450MHz
48
55
dB
TX Rejection
450 MHz – 454.8 MHz
35
43
dB
450 MHz – 454.8 MHz *)
40
43
dB
Rejection 900 MHz Cellular
480 MHz – 1000 MHz
40
45
dB
1000 MHz – 2000 MHz
30
37
dB
Rejection PCS DCS UMTS
2000 MHz – 2200 MHz
25
27
dB
Operating temperature range
-30
+85
°C
Temperature coefficient of frequency
-30
ppm/°C
Maximum Power Handling in TX Band
27
dBm
*) Temperature Range:
-10 … +60C°
3. Matching Network
Input
50Ω
Output
50Ω


Similar Part No. - SF463C

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SF463B SIPAT-SF463B Datasheet
556Kb / 7P
CDMA 450 Low Loss TX Filter
More results

Similar Description - SF463C

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
802-RF465.0M-H OSCILENT-802-RF465.0M-H Datasheet
140Kb / 5P
CDMA 450 A-Band, RF/Rx SAW Filter
802-RF467.5M-C OSCILENT-802-RF467.5M-C Datasheet
147Kb / 5P
CDMA 450 G-Band, RF/Rx SAW Filter
802-RF465.0M-D OSCILENT-802-RF465.0M-D_14 Datasheet
128Kb / 5P
CDMA 450 A-Band, RF/Rx SAW Filter
872-RF465.0M-H OSCILENT-872-RF465.0M-H Datasheet
136Kb / 5P
CDMA 450 A-Band, RF/Rx SAW Filter
803-RF384.0M-A OSCILENT-803-RF384.0M-A_14 Datasheet
137Kb / 5P
CDMA 450, RF/Rx SAW Filter
803-RF462.5M-B OSCILENT-803-RF462.5M-B_14 Datasheet
140Kb / 5P
CDMA 450 C-Band, RF-Rx SAW Filter
862-RF465.0M-F OSCILENT-862-RF465.0M-F_14 Datasheet
128Kb / 5P
CDMA 450 A-Band, RF/Rx SAW Filter
logo
Transko Electronics, In...
TA423AM TRANSKO-TA423AM Datasheet
309Kb / 4P
CDMA 450 D-Band, RF-Rx SAW Filter
Revision 0: April 2006
TA462BM TRANSKO-TA462BM Datasheet
304Kb / 4P
CDMA 450 C-Band, RF-Rx SAW Filter
Revision 0: April 2005
TA491CP TRANSKO-TA491CP Datasheet
358Kb / 4P
CDMA 450 F-Band, RF-Rx SAW Filter
Revision 0: June 2008
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com