Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF463C Datasheet(PDF) 4 Page - SIPAT Co,Ltd

Part # SF463C
Description  CDMA 450 High Rejection RX Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SF463C Datasheet(HTML) 4 Page - SIPAT Co,Ltd

  SF463C Datasheet HTML 1Page - SIPAT Co,Ltd SF463C Datasheet HTML 2Page - SIPAT Co,Ltd SF463C Datasheet HTML 3Page - SIPAT Co,Ltd SF463C Datasheet HTML 4Page - SIPAT Co,Ltd SF463C Datasheet HTML 5Page - SIPAT Co,Ltd SF463C Datasheet HTML 6Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SF463C
Rev. Date
2005-12-15
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
PR6.0
Page 4/6
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
CDMA 450 High Rejection RX Filter
System Designator
C
Function
RX
Part Number:
SF463C
7. Packing
1. Reeling Quantity : 3000 pcs / 13” reel ( or 1000 pcs / 7” reel )
2. Taping Structure : The tape shall be wound around the reel in the direction shown below.
TOP COVER TAPE
CARRIER TAPE
TAPE RUNNING DIRECTION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com