Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7757EB Datasheet(PDF) 7 Page - Analog Devices

Part # ADE7757EB
Description  Evaluation Board Documentation ADE7757 Energy Metering IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7757EB Datasheet(HTML) 7 Page - Analog Devices

Back Button ADE7757EB Datasheet HTML 3Page - Analog Devices ADE7757EB Datasheet HTML 4Page - Analog Devices ADE7757EB Datasheet HTML 5Page - Analog Devices ADE7757EB Datasheet HTML 6Page - Analog Devices ADE7757EB Datasheet HTML 7Page - Analog Devices ADE7757EB Datasheet HTML 8Page - Analog Devices ADE7757EB Datasheet HTML 9Page - Analog Devices ADE7757EB Datasheet HTML 10Page - Analog Devices ADE7757EB Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
–7–
PRELIMINARY TECHNICAL DATA
REV. PrF
EVAL-ADE7757EB
Evaluation Board Bill of Material
Designator
Value
Description
R1, R2, R3, R4
1 k
Ω, 5%, 1/4 W
Resistor, No Special Requirements.
R5
100
Ω, 5%, 1/4 W
Resistor, No Special Requirements.
R7, R8, R9
10 k
Ω, 5%, 1/4 W
Resistor, No Special Requirements.
R11, R12
820
Ω, 1%, 1/4 W
Resistor, No Special Requirements.
R13, R14
20
Ω, 5%, 1/4 W
Resistor, No Special Requirements.
R15
100
Ω, 10%, 1/2 W
Trim Pot Resistor, 25 Turn.
BOURNS.
R16, R17, R18
200
Ω, 0.05%, 1/8 W ±15 ppm/°C Resistor, good tolerance, used as part of the analog filter
network. These resistors are not soldered, but are plugged into PCB
mount sockets for easy modification by the customer. Low drift
WELWYN RC6 Series, FARNELL Part No. 339-179.
R19
402 k
Ω, 1%,1/4 W
±50 ppm/°C, FARNELL Part No. 336-660.
R20
200 k
Ω, 1%, 1/4 W ±15 ppm/°C, FARNELL Part No. 341-094.
R21, R22
100
Ω, 0.1%, 1/4 W ±15 ppm/°C Resistor, Good Tolerance. Low Drift.
FARNELL Part No. 338-886.
C 1
1 µF, 10% 16V
Voltage reference decoupling capacitor.
C2, C3, C4
10 µF, 10% 16V
Power supply decoupling capacitors, 20%, Philips CW20C 104,
FARNELL Part No. 643-579.
C 5
6.2 k
Ω, 0.1%, 1/4 W ±15 ppm/°C Resistor, Good Tolerance. Used to drive internal oscilla-
tor.
C7, C8, C9, C10, C11,
100 nF, 10% 100 V
Power Supply Decoupling Capacitors, 10%, X7R type, AVX-
C12, C20
KYOCERNA, FARNELL Part No. 146-227.
C13, C14, C15
10 nF 10% 100V
Philips CW15C 103 M, FARNELL Part No. 146-224.
C16, C17, C18, C19
0.15
µF, 10%, 50 V X7R Capacitor, Part of the Filter Network. These resistors are not
soldered, but are plugged into PCB mount sockets for easy modifica-
tion by the customer. SR15 series AVX-KYOCERNA, FARNELL
Part No. 108-948.
C21
N / A
Capacitor placeholder for external reference compensation
SKT1
SOIC-nb socket
Socket to hold ADE7757 chip. Loranger International Corp., 16 Gull
Wing Leaded, SOT-109A (so16), File NO.
3337161S
U 1
ADE7757
Energy measurement IC by Analog Devices Inc. (see ADE7757
datasheet)
U2
74HC08
Quad CMOS AND gates.
U3
AD780
2.5 V Reference, Supplied by Analog Devices Inc.
U4
H11L1
Optical Isolator, by QT, FARNELL Part No. 326-896.
D 1
L E D
Low Current, Red, FARNELL Part No. 637-087.
SK2, SK3, SK4, SK6
2-pin Screw Terminal
15 A, 2.5 mm Cable Screw Terminal Sockets. FARNELL Part No.
151-785. Length 10 mm, Pitch 5 mm, Pin diameter 1 mm.
SK1, SK5
3-pin Screw Terminal
15 A, 2.5 mm Cable Screw Terminal Sockets. FARNELL Part No.
151-786. Length 15 mm, Pitch 5 mm, Pin diameter 1 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com