Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7757EB Datasheet(PDF) 3 Page - Analog Devices

Part # ADE7757EB
Description  Evaluation Board Documentation ADE7757 Energy Metering IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7757EB Datasheet(HTML) 3 Page - Analog Devices

  ADE7757EB Datasheet HTML 1Page - Analog Devices ADE7757EB Datasheet HTML 2Page - Analog Devices ADE7757EB Datasheet HTML 3Page - Analog Devices ADE7757EB Datasheet HTML 4Page - Analog Devices ADE7757EB Datasheet HTML 5Page - Analog Devices ADE7757EB Datasheet HTML 6Page - Analog Devices ADE7757EB Datasheet HTML 7Page - Analog Devices ADE7757EB Datasheet HTML 8Page - Analog Devices ADE7757EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
–3–
PRELIMINARY TECHNICAL DATA
REV. PrF
EVAL-ADE7757EB
50Hz
220V
SK1B
50Hz
30mV
SK1A
SK1C
V2P
V2N
JP6
C18
R20
JP7
R18
C19
TP5
JP5
R19
R15
A
B
JP17
R21
R22
N
P
JP16
N
P
JP9
JP8
SK2A
SK2B
TP4
C16
TP1
V1P
JP1
JP2
R16
C17
TP2
V1N
JP3
JP4
R17
JP18
AGND
Figure 4. Typical Connection for Analog Inputs
LOGIC OUTPUTS
ADE7757 provides the active power information in the
form of an output frequency. The three frequency outputs
are F1, F2 and CF. Consult the datasheet for more infor-
mation on these outputs. The logic outputs F1 and F2 are
intended to be used to drive an impulse counter or stepper
motor. The outputs are buffered and available at the con-
nector SK6. A stepper motor may be directly connected
here. The power supply for the buffer is +5V (SK4A) and
may be connected to the ADE7757 supply using jumper
JP15, or to its own supply.
The logic output CF can be directly connected to an LED
using JP14 (Position B) or to an optically isolated output (Posi-
tion A). By closing Positions A and B, both options are se-
lected. The optically isolated output is available at connector
SK5. This isolated output is useful when the evaluation board
is connected directly to a high voltage (e.g., 220 V residential). A
typical connection diagram for this isolated output is shown in
Figure 5.
VPLUS
VMINUS
CFOUT
SK5B
SK5C
SK5A
U4
H11L1
JP14
A
B
R12
R4
R5
5V to 12V
COUNTER
+
R11
Figure 5. Typical Connection for Opto Output
All logic outputs can be monitored via test points 6 to 8
(TP6 to TP8). These test points provide easy access for
scope probes and meter probes.
OUTPUT FREQUENCY SELECTION
ADE7757 provides up to four different output frequencies
on F1 and F2. The output frequency selection is made via
the logic inputs S0 and S1—see ADE7757 datasheet. On
the evaluation board these inputs are set by using jumpers
JP12 and JP13. The logic input SCF is set via jumper 11
(JP11). For a full explanation of the ADE7757 output
frequency selection see the datasheet.
INTERNAL CLOCK
The ADE7757’s integrated oscillator serves as the clock
source to the chip. A precise 6.2 k
Ω resistor with low
tolerance and low drift is used to drive the internal oscilla-
tor.
AGND VDD
SK3B
SK3A
SK5B
SK5C
SK5A
LOAD
V1P
V1N
JP1 = OPEN
JP2 = OPEN
JP3 = OPEN
JP4 = OPEN
JP5 = OPEN
JP6 = OPEN
JP7 = OPEN
JP8 = CLOSED
JP9 = N
JP11 = 1
JP12 = 1
JP13 = 0
JP14 = A,B
JP16 = P
JP17 = A
JP18 = CLOSED
R21 = REMOVED
2mV
100
imp/kWhr
JP5
JP6
R19
C18
R20
SK2A
SK1A
SK1B
SHUNT
5.000V
0.9776 Hz
5A
SK2B
NEUTRAL PHASE
V2
220V
5.000V
R15
R22
JP18
A
B
JP17
R21
FREQUENCY DISPLAY
AGND
SK1C
TP4
54.5mV
Figure 6. ADE7757 Evaluation Board as an Energy Meter
EVALUATION BOARD SET UP AS AN ENERGY
METER
Figure 6 shows a wiring diagram that allows a simple
energy meter to be implemented using the ADE7757
evaluation board. The current transducer used in this ex-
ample is a 400 µ
Ω shunt. The meter is intended to be used
with a line voltage of 220 V and a maximum current of
25 A. The frequency outputs F1 and F2 can be used to
drive a mechanical counter. These outputs will be cali-
brated to provide 100 imp/kWhr. The logic output CF
has an output frequency that can be up to 2048 times higher



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com