Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16600 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST16600
Description  Smartcard MCU With 512 Bytes EEPROM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16600 Datasheet(HTML) 1 Page - STMicroelectronics

  ST16600 Datasheet HTML 1Page - STMicroelectronics ST16600 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
1/2
DATA BRIEFING
This is Brief Data from STMicroelectronics. Details are subject to change without notice. For complete data, please contact
your nearest Sales Office or SmartCard Products Divison, Rousset, France. Fax: (+33) 4 42 25 87 29
ST16600
Smartcard MCU
With 512 Bytes EEPROM
s
8 BIT ARCHITECTURE CPU
s
6 KBytes of USER ROM SECTOR
COMBINATIVE
s
1 KByte of SYSTEM ROM
s
128 Bytes of RAM
s
512 Bytes of EEPROM, SECTOR
COMBINATIVE
– Highly reliable CMOS EEPROM technology
– 10 year data retention
– 300,000 Erase/Write cycle endurance
– Protected One Time Programmable block (32
or 64 bytes)
– 1 to 16 bytes block either Erase or Write in
single cycle programming
s
EXTENDED VOLTAGE OPERATION
–VCC Range: 2.7V to 5.5V
s
SERIAL ACCESS, ISO 7816-3 COMPATIBLE
s
POWER SAVING STANDBY MODE
s
UP TO 5 MHz INTERNAL OPERATING
FREQUENCY
s
VERY HIGH SECURITY FEATURES
INCLUDING EEPROM FLASH ERASE
s
CONTACT ASSIGNMENT COMPATIBLE ISO
7816-2
s
ESD PROTECTION GREATER THAN 5000V
s
2 OPERATING CONFIGURATIONS
–ISSUER
– USER
Wafer
Micromodule (D3)
BD.600/9809V1


Similar Part No. - ST16600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16601 STMICROELECTRONICS-ST16601 Datasheet
27Kb / 2P
Smartcard MCU With 1088 Bytes EEPROM
More results

Similar Description - ST16600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16601 STMICROELECTRONICS-ST16601 Datasheet
27Kb / 2P
Smartcard MCU With 1088 Bytes EEPROM
ST16HF52 STMICROELECTRONICS-ST16HF52 Datasheet
26Kb / 2P
SmartCard MCU With 2048 Bytes EEPROM for Contactless/Contact Applications
ST16R820 STMICROELECTRONICS-ST16R820 Datasheet
27Kb / 2P
Smartcard MCU With 544 Bytes EEPROM for Contactless/Contact Applications
ST16RF52 STMICROELECTRONICS-ST16RF52 Datasheet
26Kb / 2P
Smartcard MCU With 2048 Bytes EEPROM for Contactless/Contact Applications
Oct-1999
ST16RF58 STMICROELECTRONICS-ST16RF58 Datasheet
28Kb / 2P
Smartcard MCU With 8176 Bytes EEPROM for Contactless/Contact Applications
ST16SF41 STMICROELECTRONICS-ST16SF41 Datasheet
28Kb / 2P
Smartcard MCU With 1344 Bytes EEPROM
ST16SF42 STMICROELECTRONICS-ST16SF42 Datasheet
28Kb / 2P
Smartcard MCU With 2048 Bytes EEPROM
ST16SF44 STMICROELECTRONICS-ST16SF44 Datasheet
28Kb / 2P
Smartcard MCU With 4096 Bytes EEPROM
ST16SF48 STMICROELECTRONICS-ST16SF48 Datasheet
28Kb / 2P
Smartcard MCU With 8176 Bytes EEPROM
ST16SF4F STMICROELECTRONICS-ST16SF4F Datasheet
28Kb / 2P
Smartcard MCU With 16352 Bytes EEPROM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com