Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA4867-P20-R Datasheet(PDF) 4 Page - UMC Corporation

Part # PA4867-P20-R
Description  DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMC [UMC Corporation]
Direct Link  http://www.umc.com
Logo UMC - UMC Corporation

PA4867-P20-R Datasheet(HTML) 4 Page - UMC Corporation

  PA4867-P20-R Datasheet HTML 1Page - UMC Corporation PA4867-P20-R Datasheet HTML 2Page - UMC Corporation PA4867-P20-R Datasheet HTML 3Page - UMC Corporation PA4867-P20-R Datasheet HTML 4Page - UMC Corporation PA4867-P20-R Datasheet HTML 5Page - UMC Corporation PA4867-P20-R Datasheet HTML 6Page - UMC Corporation PA4867-P20-R Datasheet HTML 7Page - UMC Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PA4867
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-125.A
TYPICAL APPLICATION CIRCUIT
M
U
X
AmpAM
AmpAS
Control Pin
Headphone
Tip
Ring
Control Pin
M
U
X
AmpBM
AmpBS
Audio
Input
CS
0.1µF
RI
20KΩ R
I
20KΩ
CI
0.33µF
Audio
Input
13
11
20
7
6 -IN A1
+IN A
VDD
4, 17
-IN B2
-IN B1
+IN B
2, 7, 19
20KΩ
20KΩ
20KΩ
+OUT B12
18
16
-OUT B
+OUT A
3
20KΩ
20KΩ
-OUT A 5
20KΩ
CI
0.33µF
Sleeve
GND
CB
2.2µF
MUX CTRL
Bias
Control
Shutdown
HP-IN
1
10
Voltage
Bypass
And
De-pop
Noise
Bypass
14
CI
0.33µF R
I
Audio
Input
20KΩ
20KΩ
RI
CI
0.33µF
Audio
Input
15
Rf
20KΩ
Rf
20KΩ
Rf
20KΩ
Rf
20KΩ
9 -IN A2
Figure 1. Typical Audio Amplifier Application Circuit
Thermal
Shutdown



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com