Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA4867-P20-R Datasheet(PDF) 1 Page - UMC Corporation

Part # PA4867-P20-R
Description  DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMC [UMC Corporation]
Direct Link  http://www.umc.com
Logo UMC - UMC Corporation

PA4867-P20-R Datasheet(HTML) 1 Page - UMC Corporation

  PA4867-P20-R Datasheet HTML 1Page - UMC Corporation PA4867-P20-R Datasheet HTML 2Page - UMC Corporation PA4867-P20-R Datasheet HTML 3Page - UMC Corporation PA4867-P20-R Datasheet HTML 4Page - UMC Corporation PA4867-P20-R Datasheet HTML 5Page - UMC Corporation PA4867-P20-R Datasheet HTML 6Page - UMC Corporation PA4867-P20-R Datasheet HTML 7Page - UMC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PA4867
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2007 Unisonic Technologies Co., Ltd
QW-R502-125.A
DUAL 2.1W AUDIO AMPLIFIER
PLUS STEREO HEADPHONE
FUNCTION
DESCRIPTION
The UTC PA4867 is a stereo audio power amplifier capable of
delivering typically 2.1W to a 4Ω load or 2.4W to a 3Ω load each
channel with less than 1.0% THD+N using a 5V power supply. UTC
PA4867
has a new circuit topolopy which can eliminate headphone
output coupling capacitors. And an internal input MUX allows two
sets of stereo inputs to the amplifier.
The UTC PA4867 has integrated depop circuitry that virtually
eliminates transients that cause noise in the speakers during power
up and when using the shutdown modes.
FEATURES
* Operating voltage range VDD=2V~5.5V
* Output power:
-2.4W(typ.)@5V into 3Ω with 1% THD+N max (1kHz)
-2.1W(typ.)@5V into 4Ω with 1% THD+N max (1kHz)
* Eliminates SE-mode output coupling capacitors
* Shutdown mode available
* click and pop reduction circuitry
* Unity-gain stable
* Thermal-shutdown Protection
* Input MUX control
* SE/BTL mode available
*Pb-free plating product number: PA4867L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
PA4867-N20-R
PA4867L-N20-R
HTSSOP-20
Tape Reel
PA4867-N20-T
PA4867L-N20-T
HTSSOP-20
Tube
PA4867-P20-R
PA4867L-P20-R
TSSOP-20
Tape Reel
PA4867-P20-T
PA4867L-P20-T
TSSOP-20
Tube


Similar Part No. - PA4867-P20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867G-N20-R UTC-PA4867G-N20-R Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867G-N20-R UTC-PA4867G-N20-R Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867G-N20-T UTC-PA4867G-N20-T Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867G-N20-T UTC-PA4867G-N20-T Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
More results

Similar Description - PA4867-P20-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4873 NSC-LM4873 Datasheet
532Kb / 19P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
LM4883 NSC-LM4883 Datasheet
1Mb / 23P
Dual 2.1W Audio Amplifier Plus Stereo Headphone
LM4888 NSC-LM4888 Datasheet
1Mb / 22P
Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement
LM4863 NSC-LM4863_06 Datasheet
1Mb / 21P
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
LM4873 NSC-LM4873_02 Datasheet
956Kb / 25P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
LM4888 NSC-LM4888_06 Datasheet
1Mb / 23P
Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4863 UTC-PA4863_15 Datasheet
475Kb / 12P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867 UTC-PA4867_15 Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4873 TI1-LM4873 Datasheet
1Mb / 30P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com