Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C3503LE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C3503LE
Description  Low Power Spread Spectrum Frequency Multiplier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C3503LE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C3503LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C3503LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C3503LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C3503LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C3503LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C3503LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C3503LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C3503LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C3503LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
PS8929A
02/19/08
PI6C3503
Low Power Spread
Spectrum Frequency Multiplier
AC Characteristics
VDD = 2.5V ±5%, Ambient Temperature 0 to +70°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
CLKIN
Input Frequency
–
13
–
30
MHz
CLKOUT
Output Frequency
–
13
–
30
MHz
SRatio
Spreading ratio
Output Frequency =
13MHz
–
±1.15
–
%
Output Frequency =
30MHz
–
±0.65
–
tRise
Output rise time
Measured from 20%
to 80% VDD, 15pF
load.
–
1.7
–
ns
tFall
Output fall time
Measured from 80%
to 20% VDD. 15pF
load.
–
1.50
–
ns
tJ_Short
Short term jitter
Cycle to cycle jitter
–
–
200
ps
TDCIN
Input duty cycle
–
30
50
70
%
TDCOUT
Output duty cycle
–
45
50
55
%
08-0035



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com