Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C3503LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C3503LE
Description  Low Power Spread Spectrum Frequency Multiplier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C3503LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C3503LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C3503LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C3503LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C3503LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C3503LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C3503LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C3503LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C3503LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C3503LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
PS8929A
02/19/08
PI6C3503
Low Power Spread
Spectrum Frequency Multiplier
DC Characteristics
VDD = 2.5V ±5%, Ambient Temperature 0 to +70°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDD
Operating Voltage
–
2.375
2.5
2.625
V
VIH
Input High Voltage
–
2.0
–
–
V
VIL
Input Low Voltage
–
–
–
0.8
V
VOH
Output High Voltage
IOH= –8mA
1.8
–
–
V
VOL
Output Low Voltage
IOL= 8mA
–
–
0.6
V
IDD
Supply Current
13MHz output and no
load
–
1.9
2.4
mA
IDDq
Power down static current
PD = low
––
1
μA
ZOUT_DOWN Nominal output impedance
Down side buffer
–
40
–
Ω
ZOUT_UP
Nominal output impedance
Up side buffer
–
45
–
Ω
CIN
Input Capacitance
X1 input pin
–
5
–
pF
TON
Power on time
PD from low to high
–
3
–
ms
08-0035



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com