Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16R820 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST16R820
Description  Smartcard MCU With 544 Bytes EEPROM for Contactless/Contact Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16R820 Datasheet(HTML) 1 Page - STMicroelectronics

  ST16R820 Datasheet HTML 1Page - STMicroelectronics ST16R820 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
1/2
DATA BRIEFING
This is Brief Data from STMicroelectronics. Details are subject to change without notice. For complete data, please contact
your nearest Sales Office or SmartCard Products Divison, Rousset, France. Fax: (+33) 4 42 25 87 29
ST16R820
Smartcard MCU
With 544 Bytes EEPROM for Contactless/Contact Applications
s
8 BIT ARCHITECTURE CPU
s
8 KBytes of USER ROM, SECTOR
COMBINATIVE
s
4.5 KBytes of SYSTEM ROM
s
192 Bytes of RAM
s
544 Bytes of EEPROM, SECTOR
COMBINATIVE
– Highly reliable CMOS EEPROM technology
– 10 year data retention
– 300,000 Erase/Write cycle endurance
– Protected One Time Programmable block (32
or 64 bytes)
– 1 to 32 bytes block either Erase or Write in
single cycle programming
s
POWER SAVING STANDBY MODE
s
VERY HIGH SECURITY FEATURES
INCLUDING EEPROM FLASH ERASE
s
ESD PROTECTION GREATER THAN 5000V
s
2 OPERATING CONFIGURATIONS
–ISSUER
– USER
CONTACTLESS SPECIFIC FEATURES
s
13.56 MHZ OPERATION
s
106 KBIT/S DATA TRANSFER
s
AMPLITUDE MODULATION READER TO
CARD
s
LOAD MODULATION CARD TO READER
s
3V OPERATION
CONTACT SPECIFIC FEATURES
s
EXTENDED VOLTAGE OPERATION, Vcc
Range: 2.7V to 5.5V
s
SERIAL ACCESS, ISO 7816-3 COMPATIBLE
s
UP TO 5 MHz INTERNAL OPERATING
FREQUENCY
s
CONTACT ASSIGNMENT COMPATIBLE ISO
7816-2
Micromodule (D5)
Wafer
1
BD.R820/9809VP1


Similar Part No. - ST16R820

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16RF52 STMICROELECTRONICS-ST16RF52 Datasheet
26Kb / 2P
Smartcard MCU With 2048 Bytes EEPROM for Contactless/Contact Applications
Oct-1999
ST16RF58 STMICROELECTRONICS-ST16RF58 Datasheet
28Kb / 2P
Smartcard MCU With 8176 Bytes EEPROM for Contactless/Contact Applications
More results

Similar Description - ST16R820

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16600 STMICROELECTRONICS-ST16600 Datasheet
27Kb / 2P
Smartcard MCU With 512 Bytes EEPROM
ST16601 STMICROELECTRONICS-ST16601 Datasheet
27Kb / 2P
Smartcard MCU With 1088 Bytes EEPROM
ST16HF52 STMICROELECTRONICS-ST16HF52 Datasheet
26Kb / 2P
SmartCard MCU With 2048 Bytes EEPROM for Contactless/Contact Applications
ST16RF52 STMICROELECTRONICS-ST16RF52 Datasheet
26Kb / 2P
Smartcard MCU With 2048 Bytes EEPROM for Contactless/Contact Applications
Oct-1999
ST16RF58 STMICROELECTRONICS-ST16RF58 Datasheet
28Kb / 2P
Smartcard MCU With 8176 Bytes EEPROM for Contactless/Contact Applications
ST16SF42 STMICROELECTRONICS-ST16SF42 Datasheet
28Kb / 2P
Smartcard MCU With 2048 Bytes EEPROM
ST16SF44 STMICROELECTRONICS-ST16SF44 Datasheet
28Kb / 2P
Smartcard MCU With 4096 Bytes EEPROM
ST16SF48 STMICROELECTRONICS-ST16SF48 Datasheet
28Kb / 2P
Smartcard MCU With 8176 Bytes EEPROM
ST16SF4F STMICROELECTRONICS-ST16SF4F Datasheet
28Kb / 2P
Smartcard MCU With 16352 Bytes EEPROM
ST19RF08 STMICROELECTRONICS-ST19RF08 Datasheet
28Kb / 2P
Smartcard MCU With 8176 Bytes EEPROM for Contactless/Contact Applications
Oct-1999
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com