Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1CPSC5 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # 1CPSC5
Description  MICRO SWITCH Cable-Pull Safety Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1CPSC5 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  1CPSC5 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 1CPSC5 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 1CPSC5 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 1CPSC5 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 1CPSC5 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 1CPSC5 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 1CPSC5 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 1CPSC5 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 1CPSC5 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2 sensing.honeywell.com
MICRO SWITCH Cable-Pull Safety Switches, CPS Series
Table 1. Specifications
Characteristic
Parameter
Description
cable-pull safety switches
Switching options
1NO/1NC direct acting
2NO/2NC direct acting
1NO/3NC direct acting
4NC direct acting
Sealing
IP67, NEMA 1, 4, 12, 13
Contacts
silver, gold plated over silver
Conduit/Connectors
1/2 NPT, PG 13.5, 20 mm, PF 1/2; Brad Harrison 10-pin conductor
Force to maintain actuation shaft
2CPS: 25 lb*
Actuation shaft operating force
2CPS: 40 lb*
Operating temperature
-40 °C to 80 °C [-40 °F to 176 °F]
Storage temperature
1CPS: -40 °C to 85 °C [-40 °F to 185 °F]
Mechanical endurance
1 million operations
Rated thermal current (I
th)
10 A
Rated impulse withstand (U
imp)
2500 V
Rated insulation voltage (U
i)
300 V
Useable gold-plated current
1 mA to 50 mA, 60 Vdc max./125 Vdc max.
Pollution degree
3
Conditional short circuit current
1000 A
Short circuit protective device
(type/maximum rating)
Class J fuse (10 A/600 V)
Shock
15 g per IEC 68-2-27
Vibration
10 Hz to 500 Hz, 5 g per IEC 68-2-6
Approvals
UL, CSA, CE, SIL
Standards
• UL Listed per File E37138 against UL508
• CSA Certified per File 57323 against CSA C22.2 No. 14
• CE mark: The CPS complies with Low Voltage Directive 2006/95/EC; Machinery Directive
2006/42/EC only as the directives relate to the components being used in a safety function; EN
60947-1; EN 60947-5-1; EN 60947-5-5
• SIL: MCTF (Mechanical Life): >1,000,000 cycles with single-sided confidence limit of 100 %.
MCTF (Electrical Life): >25,000 cycles with single-sided confidence limit of 87.5 %.
Highest SIL Capability: SIL3 (HFT:1), IEC 61508-2: 2010. Proof Test Interval: 1 Year
* Incline measures, and not typical for manual trip
Table 2. Electrical Ratings
ac
dc
A300
Ue
AC15
Ie
Q300
Ue
DC13
Ie
Volts
Amps
Volts
Amps
–
–
24
2.8
120
6
125
0.55
240
3
250
0.27
Ith = 10 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com