Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1CPSC5 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # 1CPSC5
Description  MICRO SWITCH Cable-Pull Safety Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1CPSC5 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  1CPSC5 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 1CPSC5 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 1CPSC5 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 1CPSC5 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 1CPSC5 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 1CPSC5 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 1CPSC5 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 1CPSC5 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 1CPSC5 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Safety and Productivity Solutions
3
MICRO SWITCH Cable-Pull Safety Switches, CPS Series
Figure 1. 1CPS Product Nomenclature and Order Guide
NOTE: Not all combinations of model code are available.
Please contact your Honeywell provider/representative for assistance.
3
4
2
1
1NO/1NC direct acting
Switch 1: 1NO/1NC
Switch 2: None
1
Basic Switch
Code
2NO/2NC direct acting
Switch 1: 1NO/1NC
Switch 2: 1NO/1NC
1NO/3NC direct acting
Switch 1: 1NO/1NC
Switch 2: 2NC
4NC direct acting
Switch 1: 2NC
Switch 2: 2NC
7
8
6
5
1NO/1NC direct acting, gold contacts
Switch 1: 1NO/1NC
Switch 2: None
2NO/2NC direct acting, gold contacts
Switch 1: 1NO/1NC
Switch 2: 1NO/1NC
1NO/3NC direct acting, gold contacts
Switch 1: 1NO/1NC
Switch 2: 2NC
4NC direct acting, gold contacts
Switch 1: 2NC
Switch 2: 2NC
1CPS
Switch Type
A
B
1/2 NPT
PG 13.5
Conduit
A
C 20 mm
1CPS
Series
Single-Head
Cable-Pull
Safety Switch
D PF 1/2
A
B
24 Vdc LED
120 Vac LED
Indicator-Pilot
Light Code
A
Without
Broken
Cable
Detection
-N
Figure 2. 2CPS Product Nomenclature and Order Guide
2CPS
Switch Type
A
B
1/2 NPT
PG 13.5
Conduit
A
Basic Switch
Code
D
B
A
2NO/2NC, direct acting
Switch 1: 1NO/1NC
Switch 2: 1NO/1NC
C 20 mm
1
2
Standard: contact
block mounted
to housing
Contact
Mounting Code
1
2CPS
Series
Dual-Head
Cable-Pull
Safety Switch
A
A
B
24 Vdc LED
cluster
120 Vac LED
cluster
Indicator-Pilot
Light Code
A
D PF 1/2
Removeable:
contact blocks
with receptacles
1NO/3NC, direct acting
Switch 1: 1NO/1NC
Switch 2: 2NC
4NC, direct acting
Switch 1: 2NC
Switch 2: 2NC
1
2
Maintained,
both sides
Maintained, left side
No actuation, right side
Actuation
Code
1
3 Maintained, right side
No actuation, left side
4 Maintained, both sides
w/o broken cable detection
5
Maintained, left side
No actuation, right side
w/o broken cable detection
61
Maintained, right side
No actuation, left side
w/o broken cable detection
1
Not valid on 4NC switches
NOTE: Not all combinations of model code are available.
Please contact your Honeywell provider/representative for assistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com