Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

060-R186-03 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # 060-R186-03
Description  Configurable Pressure Transducer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

060-R186-03 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  060-R186-03 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 060-R186-03 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 060-R186-03 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 060-R186-03 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 060-R186-03 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 060-R186-03 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 060-R186-03 Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2 sensing.honeywell.com
CONFIGURABLE PRESSURE TRANSDUCER, MODEL FP5000
TABLE 1. PERFORMANCE SPECIFICATIONS
Characteristic
Measure
Operating pressure
ranges
Gage: 10 in-H
2O [0.36 psi] to 5000 psi
Absolute: 5 psi to 5000 psi
Vacuum: 10 in-H
2O [0.36 psi] to 15 psi
Barometric: 0 to 30 in-Hg,
16 to 32 in-Hg, 26 to 32 in-Hg
Compound ranges available consult
factory
Equivalent ranges are available in other
pressure units also: kPa, bar, mm-Hg,
in-Hg, mbar, torr, in-H
2O
Accuracy1,7
0.2 %FSS BFSL (Standard accuracy)
0.1 %FSS BFSL (High accuracy)
Output (selectable)
0 Vdc to 5 Vdc, 0 Vdc to 10 Vdc, or
4 mA to 20 mA (two wire)
Resolution
Continuous (Fully analog signal path)
TABLE 2. ENVIRONMENTAL SPECIFICATIONS
Characteristic
Measure
Operating temperature range
See Table 3 (Electrical connectors)
Compensated temperature
range
See Table 4 (Thermal effects error
band)
Thermal effects error band
(TEB)2,3
See Table 4 (Thermal effects error
band)
Sealing
See Table 3 (Electrical connectors)
Notes:
1. Accuracies stated are with respect to best fit straight line (BFSL)
for all errors including linearity, hysteresis, and non-repeatability
through zero.
2. Thermal Effects Error Band - The maximum deviation in output
due to changes in temperature over the entire compensated
temperature range, relative to output measured at reference
temperature. Includes all errors due to: Thermal Effect on Offset
and Thermal Effect on Span.
3. Thermal effects error band (TEB) increases pro-rata for pressure
ranges below 5 psi [0.35 bar].
4. True Zero Output: The voltage output versions have onboard cir-
cuitry that allows the output signal to swing all the way to ground
(True Zero) and even a little below (~-0.2 V). This mitigates
increased error at lower voltage measurements.
5. Over pressure: The absolute maximum rating for pressure which
may be safely applied to the product for it to remain in specifica-
tion once pressure is returned to the operating pressure range.
Exposure to higher pressure may cause permanent damage to
the product.
6. Burst pressure: The maximum pressure that may be applied to
the product without causing escape of the pressure media. The
product should not be expected to function after exposure to any
pressure beyond the rated burst pressure.
7. All specifications apply at 25°C [77°F] and under operating con-
ditions unless otherwise noted.
8. Full Scale Span (FSS): The algebraic difference between output
signal measured at the upper and lower limits of the operating
pressure range. Also known as “span”.
9. Offset: The output signal obtained when the reference pressure
is applied to all available pressure ports. Also known as “null” or
“zero”.
10. Reference pressure: The pressure used as a reference (zero) in
measuring product performance. Unless otherwise specified, this
is vacuum (0 psia) for absolute pressure sensors and local am-
bient atmospheric pressure (0 psig) for gage/vacuum pressure
sensors.
11. Minimum operating pressure: The lower limit of the operating
pressure range.
TABLE 3. ELECTRICAL CONNECTORS
Connector
Operating Temperature Range Sealing
PT-02A-10-6P
-40°C to 125°C [-40°F to 250°F]
IP67
DIN FORM A
-40°C to 125°C [-40°F to 250°F]
IP65
DIN FORM C
-40°C to 90°C [-40°F to 194°F]
IP65
Integral cable
-40°C to 105°C [-40°F to 221°F]
IP67
Conduit fitting
-40°C to 105°C [-40°F to 221°F]
IP67
M12 x 1, 4-pin
-40°C to 85°C [-40°F to 185°F]
IP67
TABLE 4. THERMAL EFFECTS ERROR BAND (TEB)
Compensated
Temperature Range
For Standard
Accuracy
For High
Accuracy
0° C to 60° C
[40° F to 140° F]
< ±0.75 %FSS
< ±0.5 %FSS
-20° C to 80° C
[0° F to 180° F]
< ±1.5 %FSS
< ±1 %FSS
-40° C to 85° C
[-40° F to 185° F]
< ±2.25 %FSS
< ±1.5 %FSS
-40° C to 125° C
[-40° F to 250° F]
< ±2.25 %FSS
< ±1.5 %FSS
TABLE 5. MECHANICAL SPECIFICATIONS
Characteristic
Measure
Media
Gas, liquid
Over pressure5
Operating ranges
≤ 15 psi (1 bar):
6X FS
15 psi (1 bar)
< Operating ranges
≤ 1000 psi (70 bar):
4X FS
1000 psi (70 bar)
< Operating ranges
≤ 5000 psi (350 bar):
3X FS or 10000 psi (700 bar)
whichever is less
Burst pressure6
Operating ranges
≤ 15 psi (1 bar):
10X FS
15 psi (1 bar)
< Operating ranges
≤ 1000 psi (70 bar):
6X FS
1000 psi (70 bar)
< Operating ranges
≤ 5000 psi (350 bar):
4X FS or 10000 psi (700 bar)
whichever is less
Weight (approx.)
150 g [5.3 oz]
Wetted parts material
Ha C276 and 316L stainless steel
Labels
Laser engraved



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com