Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

060-R186-03 Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # 060-R186-03
Description  Configurable Pressure Transducer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

060-R186-03 Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

  060-R186-03 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 060-R186-03 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 060-R186-03 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 060-R186-03 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 060-R186-03 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 060-R186-03 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 060-R186-03 Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6 sensing.honeywell.com
CONFIGURABLE PRESSURE TRANSDUCER, MODEL FP5000
Figure 2. Mounting Dimensions
ELECTRICAL TERMINATION
PRESSURE
PORTS
Code 6BO: 4-pin,
Micro DIN Form C
Code 6M: 4-pin,
Standard DIN 43650 Form A
Code 6A: 6-pin,
Bendix connector
Code 6Q: 4-conductor, vented,
Integral cable
Code 6R: 4-conductor, vented,
1/214 NPT conduit exit with
integral cable
Code 6BJ: 4-pin M12 x 1
(IEC 610762101) style AM
Ø 31,8
[1.3]
35,8
[1.4]
10,4
[0.4]
Ø 31,8
[1.3]
Ø 31,8
[1.3]
10,4
[0.4]
8,8
[0.3]
21,3
[0.8]
26,0
[1.1]
7,9
[0.3]
18,2
[0.7]
Ø 31,8
[1.3]
Ø 31,8
[1.3]
10,4
[0.4]
41,1
[1.6]
27,2
[1.1]
Ø 25,0
[1.0]
Ø 25,0
[1.0]
Choose from
electrical termination code:
6BO, 6M, 6A, 6Q, 6BJ & 6R
8,8 [0.3]
37,1
[1.5]
37,1
[1.5]
22,2
[0.9]
22,2
[0.9]
16,8
[0.7]
Choose from
pressure ports:
Codes
5AE, 5G, 5P, 5B, 5D, or 5I
Choose from pressure ports:
Codes
5F or 5A
Ø 25,0
[1.0]
Code 5G: G 1/4 B male Code 5B: 1/418 NPT
male
Code 5D: 7/1620 UNF
male
Code 5F: G 1/4 B
female
Code 5A: 1/418 NPT
female
22,2
[0.9]
22,2
[0.9]
16,8
[0.7]
15,1
[0.6]
18,4
[0.7]
Code 5AE: 1/214 NPT
male
Code 5P: M12 x 15 male Code 5I: 1/827 NPT
male
15,2
[0.6]
18,0
[0.7]
13,2
[0.5]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com