Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16RF52 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST16RF52
Description  Smartcard MCU With 2048 Bytes EEPROM for Contactless/Contact Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16RF52 Datasheet(HTML) 1 Page - STMicroelectronics

  ST16RF52 Datasheet HTML 1Page - STMicroelectronics ST16RF52 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
This is Brief Data from STMicroelectronics. Details are subject to change without notice. For complete data, please contact
your nearest Sales Office or SmartCard Products Divison, Rousset, France. Fax: (+33) 4 42 25 87 29
ST16RF52
Smartcard MCU
With 2048 Bytes EEPROM for Contactless/Contact Applications
s
8 BIT ARCHITECTURE CPU
s
22 K Bytes of USER ROM, SECTOR
COMBINATIVE
s
SYSTEM ROM
s
512 Bytes of RAM
s
2048 Bytes of EEPROM, SECTOR
COMBINATIVE
– Highly reliable CMOS EEPROM technology
– 10 year data retention
– 300,000 Erase/Write cycle endurance
– Protected One Time Programmable block (32
or 64 bytes)
– 1 to 32 bytes block either Erase or Write in
single cycle programming
s
POWER SAVING STANDBY MODE
s
VERY HIGH SECURITY FEATURES
INCLUDING EEPROM FLASH ERASE
s
ESD PROTECTION GREATER THAN 5000V
s
2 OPERATING CONFIGURATIONS
–ISSUER
– USER
CONTACTLESS SPECIFIC FEATURES
s
COMPATIBLE WITH ISO 14443 TYPE B
STANDARD
s
13.56 MHZ CARRIER FREQUENCY
s
106 KBIT/S DATA TRANSFER
s
AMPLITUDE MODULATION READER TO
CARD
s
LOAD MODULATION CARD TO READER
s
3V OPERATION
CONTACT SPECIFIC FEATURES
s
EXTENDED VOLTAGE OPERATION, Vcc
Range: 2.7V to 5.5V
s
SERIAL ACCESS, ISO 7816-3 COMPATIBLE
s
UP TO 5 MHz INTERNAL OPERATING
FREQUENCY
s
CONTACT ASSIGNMENT COMPATIBLE ISO
7816-2
Micromodule (D7)
Wafer
1
October 1999


Similar Part No. - ST16RF52

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16RF58 STMICROELECTRONICS-ST16RF58 Datasheet
28Kb / 2P
Smartcard MCU With 8176 Bytes EEPROM for Contactless/Contact Applications
More results

Similar Description - ST16RF52

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16600 STMICROELECTRONICS-ST16600 Datasheet
27Kb / 2P
Smartcard MCU With 512 Bytes EEPROM
ST16601 STMICROELECTRONICS-ST16601 Datasheet
27Kb / 2P
Smartcard MCU With 1088 Bytes EEPROM
ST16HF52 STMICROELECTRONICS-ST16HF52 Datasheet
26Kb / 2P
SmartCard MCU With 2048 Bytes EEPROM for Contactless/Contact Applications
ST16R820 STMICROELECTRONICS-ST16R820 Datasheet
27Kb / 2P
Smartcard MCU With 544 Bytes EEPROM for Contactless/Contact Applications
ST16RF58 STMICROELECTRONICS-ST16RF58 Datasheet
28Kb / 2P
Smartcard MCU With 8176 Bytes EEPROM for Contactless/Contact Applications
ST16SF42 STMICROELECTRONICS-ST16SF42 Datasheet
28Kb / 2P
Smartcard MCU With 2048 Bytes EEPROM
ST16SF44 STMICROELECTRONICS-ST16SF44 Datasheet
28Kb / 2P
Smartcard MCU With 4096 Bytes EEPROM
ST16SF48 STMICROELECTRONICS-ST16SF48 Datasheet
28Kb / 2P
Smartcard MCU With 8176 Bytes EEPROM
ST16SF4F STMICROELECTRONICS-ST16SF4F Datasheet
28Kb / 2P
Smartcard MCU With 16352 Bytes EEPROM
ST19RF08 STMICROELECTRONICS-ST19RF08 Datasheet
28Kb / 2P
Smartcard MCU With 8176 Bytes EEPROM for Contactless/Contact Applications
Oct-1999
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com