Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1106 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP1106
Description  DECT First IF Filters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP1106 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP1106 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For DECT First IF Filters (F-11 Package)
Electrical Characteristic:
Characteristic
Sym
Unit
Spec
Nominal Center Frequency
F0
MHz
110.592
3dB Bandwidth(from f0)
∆F
3dB
KHz
±576
Stop Band Attenuation (from peak level)
1) at F0-3×1.728MHz
2) at F0-2×1.728MHz
3) at F0±1.150MHz
4) at F0±1.728MHz
5) at F0+2×1.728MHz
6) at F0+3×1.728MHz
dB
50min
45min
10min
30min
40min
40min
Insertion Loss(at minimum loss point)
IL
dB
4.5max
Group Delay Deviation(with F0±576kHz)
∆T
us
0.7max
Input/Output Impedance (Nominal)
See fig1
Input/Output Impedance(fig1):
F-11 Package(fig2):
Cp1= 12pF;Ls2=100nH;Ls3=180nH
This may be changed according to PCB
Frequency Characteristic(fig3):
SP110.6


Similar Part No. - SP1106

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1103C LITTELFUSE-SP1103C Datasheet
704Kb / 5P
80A Discrete Bidirectional TVS Diode
2022 Littelfuse, Inc.
SP1103C-01UTG LITTELFUSE-SP1103C-01UTG Datasheet
704Kb / 5P
80A Discrete Bidirectional TVS Diode
2022 Littelfuse, Inc.
SP1105-01UTG LITTELFUSE-SP1105-01UTG Datasheet
768Kb / 7P
SP11xx Series Discrete Unidirectional TVS Diode
2020 Littelfuse, Inc
SP1105S-01UTG LITTELFUSE-SP1105S-01UTG Datasheet
768Kb / 7P
SP11xx Series Discrete Unidirectional TVS Diode
2020 Littelfuse, Inc
More results

Similar Description - SP1106

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP233 SIPAT-SP233 Datasheet
54Kb / 1P
PHS First IF Filters
SP361 SIPAT-SP361 Datasheet
123Kb / 1P
DECT First IF Filters
SP903 SIPAT-SP903 Datasheet
30Kb / 1P
DECT RF Filters
SP959B SIPAT-SP959B Datasheet
43Kb / 1P
DECT RF Filters
SP-233 SIPAT-SP-233 Datasheet
38Kb / 1P
PHS First IF Filters
SP364 SIPAT-SP364 Datasheet
124Kb / 1P
DECT First IF Filters
SP361 SIPAT-SP361 Datasheet
124Kb / 1P
DECT First IF Filters
SP364 SIPAT-SP364 Datasheet
124Kb / 1P
DECT First IF Filters
SP903 SIPAT-SP903 Datasheet
32Kb / 1P
DECT RF Filters
SP959B SIPAT-SP959B Datasheet
44Kb / 1P
DECT RF Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com