Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX52HSL Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AX52HSL
Description  Quartz Crystal Unit in Hyper Slim-Line (HSL) package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AX52HSL Datasheet(HTML) 1 Page - Advanced XTAL Products

  AX52HSL Datasheet HTML 1Page - Advanced XTAL Products AX52HSL Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
wwwAXTAL.com
Buchfinkenweg 8
page
1(2)
fon: +49 (6226) 9719689
D-74931 Lobbach
fax: +49 (6226) 970133
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AX52HSL
Issue: 01
Date: 2003-12-22
Type :
Quartz Crystal Unit in Hyper Slim-Line (HSL) package
Parameter
min.
typ.
max. Unit
Condition
Frequency range
20
230
MHz
Crystal cut
AT
Optimized for turn-over
temperature of 25°
Frequnecy vs.Overtone
20 MHz ~ 40 MHz
50 MHz ~ 120 MHz
80 MHz ~ 200 MHz
120 MHz ~ 230 MHz
FUND
3rd OT
5th OT
7th OT
Adjustment tolerance @ 25°C
±5 ~ ±50
ppm
see Ordering Code 1
Load capacitance CL
10 pF ~ 100 pF, Series
see Ordering Code 2
Frequency stability
vs. temperature
±5 ppm
±10 ppm
0°~+50°C
-10°~+60°C
see Ordering Code 3
long term (aging)
±5
ppm
per year @ +55°C
Resonance resistance Rr (typical values)
35
Ω
30
Ω
70
Ω
150
Ω
FUND
3rd OT
5th OT
7th OT
Shunt capacitance C0
7
pF
Drive level
100
µW
Drive level dependence (DLD)
IEC 60444-6
Unwanted responses
> 2·Rr
>1.5·Rr
≤ 100 MHz
> 100 MHz
Insulation resistance
500
M
Ω
100 V DC
Operable temperature range
-40
+85
°C
Storage temperature range
-55
+105
°C
Enclosure (see drawing)
HC-52/HSL
IEC 60122-3 or 61837
Flange width
1.5 max.
mm
Can height
4.8 max.
mm
marking
Frequency (MHz)
Side 1
Packing
bulk
IEC 60286-3
Notes:
1. Terminology and test conditions are according to IEC standard IEC60122-1, unless otherwise stated
2. Measurement technique according to IEC 60444-5 or equivalent
Ordering Code:
Adjustment
tolerance
Load
capacitance
Frequency stability vs.
temperature
Frequency
Model (Specification)
ppm Code
pF
Code ppm
range
Code in MHz
AX52HSL
±5
±10
±25
±50
05
10
25
50
10
20
30
50
100
S*
10
20
30
50
100
S
±5
±10
±15
0°~+50°C
-10~+60°C
-20~+70°C
05
10
15
any
*Series resonance: “S”
Example: AX52HSL 05-30-10-52,500 MHz


Similar Part No. - AX52HSL

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX5201 AXELITE-AX5201 Datasheet
596Kb / 11P
Step-up PWM DC/DC Converter
Rev.1.5 Nov.06, 2019
AX5201ES AXELITE-AX5201ES Datasheet
596Kb / 11P
Step-up PWM DC/DC Converter
Rev.1.5 Nov.06, 2019
AX5201ESA AXELITE-AX5201ESA Datasheet
596Kb / 11P
Step-up PWM DC/DC Converter
Rev.1.5 Nov.06, 2019
AX5203 AXELITE-AX5203 Datasheet
532Kb / 9P
Step-up PWM DC/DC Converter
Rev.1.4 Nov.06, 2019
AX5203ES AXELITE-AX5203ES Datasheet
532Kb / 9P
Step-up PWM DC/DC Converter
Rev.1.4 Nov.06, 2019
More results

Similar Description - AX52HSL

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXX3225 AXTAL-AXX3225 Datasheet
56Kb / 2P
Quartz Crystal Unit in SMD package 3.2x2.5 mm RoHS compliant
2006-03-18
AXX35 AXTAL-AXX35 Datasheet
65Kb / 2P
Quartz Crystal Unit in HC-35/U package
2003-11-08
logo
Seiko Instruments Inc
VT-200-F SII-VT-200-F Datasheet
503Kb / 1P
Quartz Crystal Unit
VT-200-FL SII-VT-200-FL Datasheet
428Kb / 1P
Quartz Crystal Unit
logo
Suzhou HangJing Electro...
XC21M4 HANGJING-XC21M4 Datasheet
319Kb / 1P
QUARTZ CRYSTAL UNIT IN SMD 2.0X1.6MM CERAMIC SEAM SEAL PACKAGE.
XC53M4 HANGJING-XC53M4 Datasheet
325Kb / 1P
QUARTZ CRYSTAL UNIT IN SMD 5.0X3.2MM CERAMIC SEAM SEAL PACKAGE.
X49UT2 HANGJING-X49UT2 Datasheet
289Kb / 1P
QUARTZ CRYSTAL UNIT IN HC-49/U THRU-HOLE PACKAGE
XC32M4 HANGJING-XC32M4 Datasheet
318Kb / 1P
QUARTZ CRYSTAL UNIT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL PACKAGE
XC53G2 HANGJING-XC53G2 Datasheet
320Kb / 1P
QUARTZ CRYSTAL UNIT IN SMD 5.0X3.2MM GLASS SEAL PACKAGE
XC63G2 HANGJING-XC63G2 Datasheet
327Kb / 1P
QUARTZ CRYSTAL UNIT IN SMD 6.0X3.5MM GLASS SEAL PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com