Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

19082000 Datasheet(PDF) 1 Page - Lapp.

Part # 19082000
Description  EPIC® H-B 16 Housings
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

19082000 Datasheet(HTML) 1 Page - Lapp.

  19082000 Datasheet HTML 1Page - Lapp. 19082000 Datasheet HTML 2Page - Lapp. 19082000 Datasheet HTML 3Page - Lapp. 19082000 Datasheet HTML 4Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
502
en
EPIC® Industrial Connectors
Rectangular Connectors
EPIC® H-B 16 Housings
Shortcut: PL512 - LAYOUT: Layout17b
EPIC H-B 16 Housings
Housing style H-B. The industry standard.
EPIC® Industrial Connectors
Rectangular Connectors
EPIC® H-B 16 Housings
PL512
Farbe_Kap09
EPIC® H-B 16 TGB
416
72
113
249
PRO2540
EPIC® Industrial Connectors
Rectangular Connectors
EPIC® H-B 16 Housings
PL512
Farbe_Kap09
EPIC® H-B 16 TGBH
417
72
113
249
PRO2541
EPIC® Industrial Connectors
Rectangular Connectors
EPIC® H-B 16 Housings
PL512
Farbe_Kap09
EPIC® H-B 16 TS
418
72
113
249
PRO2542
H-B 16 TGB
Suitable inserts:
EPIC H-BS 6 see page 452
EPIC H-BVE 6 see page 454
EPIC H-DD 72 see page 441
EPIC H-EE 32 see page 450
EPIC MCR 16 see page 462
EPIC H-D 40 see page 439
EPIC H-BE 16 Screw termina-
tion see page 445
EPIC H-BE 16 Crimp termina-
tion see page 445
EPIC H-BE 16 Cage clamp see
page 445
H-B 16 TGBH
H-B 16 TS
Part number
Part
PG
M
ZW
L
L1
B
B1
B2
H
s
H-B housing: Hood (straight cable entry, double lever)
10081000
H-B 16 TGB 21
21
yes
93,3
47,5
43
57,8
53
61
136,5
19081000
H-B 16 TGB M25
25
93,3
47,5
43
57,8
53
61
136,5
H-B housing: Hood (straight cable entry, double lever, high version)
70105200
H-B 16TGBH 21
21
yes
93,3
47,5
43
57,8
53
76
136,5
70105400
H-B 16TGBH 29
29
yes
93,3
47,5
43
57,8
53
76
136,5
79105200
H-B 16TGBH M25
25
93,3
47,5
43
57,8
53
76
136,5
79105400
H-B 16TGBH M32
32
93,3
47,5
43
57,8
53
76
136,5
H-B housing: Hood (side cable entry, bolts for double lever)
10082000
H-B 16 TS 21
21
yes
93,3
47,5
43
57,8
61
10092000
H-B 16 TS 29
29
yes
93,3
47,5
43
57,8
61
19082000
H-B 16 TS M25
25
yes
93,3
47,5
43
57,8
61
19092000
H-B 16 TS M32
32
yes
93,3
47,5
43
57,8
61


Similar Part No. - 19082000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
190820010 MOLEX4-190820010 Datasheet
172Kb / 2P
Compression Style Ring Tongue Terminal for 6 AWG Wire, Stud Size 5/16",Un-Plated, Mylar Tape Carrier
More results

Similar Description - 19082000

ManufacturerPart #DatasheetDescription
logo
Lapp.
10074000 LAPP-10074000 Datasheet
137Kb / 2P
EPIC® H-B 16 SGR
17.09.2018
10076000 LAPP-10076000 Datasheet
136Kb / 2P
EPIC® H-B 16 SDR-BO
17.09.2018
10086000 LAPP-10086000 Datasheet
129Kb / 2P
EPIC® H-B 16 TBF
17.09.2018
19086900 LAPP-19086900 Datasheet
129Kb / 2P
EPIC® H-B 16 TBF-LB
17.09.2018
10072900 LAPP-10072900 Datasheet
125Kb / 2P
EPIC® H-B 16 AG-LB
17.09.2018
10082000 LAPP-10082000 Datasheet
127Kb / 2P
EPIC® H-B 16 TS
17.09.2018
70102200 LAPP-70102200 Datasheet
122Kb / 2P
EPIC® H-B 16 TSH
17.09.2018
79086200 LAPP-79086200 Datasheet
140Kb / 2P
EPIC® H-B 16 SGRLH
17.09.2018
79090200 LAPP-79090200 Datasheet
132Kb / 2P
EPIC® H-B 16 TBFH
17.09.2018
79092200 LAPP-79092200 Datasheet
132Kb / 2P
EPIC® H-B 16 TBFH-LB
17.09.2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com