Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

19082000 Datasheet(PDF) 3 Page - Lapp.

Part # 19082000
Description  EPIC® H-B 16 Housings
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

19082000 Datasheet(HTML) 3 Page - Lapp.

  19082000 Datasheet HTML 1Page - Lapp. 19082000 Datasheet HTML 2Page - Lapp. 19082000 Datasheet HTML 3Page - Lapp. 19082000 Datasheet HTML 4Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
445
en
EPIC® Industrial Connectors
Rectangular Connectors
EPIC® H-BE Inserts
Shortcut: PL503 - LAYOUT: Layout17b
EPIC H-BE Inserts
The standard inserts with screw termination, crimp termination and
cage clamp termination
EPIC® Industrial Connectors
Rectangular Connectors
EPIC® H-BE Inserts
PL503
Farbe_Kap09
EPIC® H-BE 16 Screw termination
549
72
113
253
PRO10194000
EPIC® Industrial Connectors
Rectangular Connectors
EPIC® H-BE Inserts
PL503
Farbe_Kap09
EPIC® H-BE 16 Crimp termination
550
72
113
253
PRO2285
EPIC® Industrial Connectors
Rectangular Connectors
EPIC® H-BE Inserts
PL503
Farbe_Kap09
EPIC® H-BE 16 Cage clamp
551
72
113
253
PRO2286
H-BE 16 screw termination
The characteristic qualities of
the proven EPIC H-BE series
are their suitability for applica-
tions with high voltages and
current as well as their high
reliability.
Ranges of application:
From machine building to
control cabinet manufactur-
ing, Light & Sound, polymer
engineering
Suitable housing:
EPIC H-B 16 Housings see
page 499
H-BE 16 crimp termination
Suitable housing:
EPIC H-B 16 Housings see
page 499
Suitable contacts:
EPIC H-BE 2,5 machined con-
tacts see page 466
H-BE 16 cage clamp
Suitable housing:
EPIC H-B 16 Housings see
page 499
Technical Data
Rated voltage
IEC: 500 V
UL: 600 V
CSA: 600 V
Rated impulse Voltage
6 kV
Rated current
IEC: 16 A
UL: 16 A
CSA: 16 A
Pollution degree
3
Contact resistance
EPIC H-BE 16 Screw termination
< 2 mOhm
EPIC H-BE 16 Crimp termination
< 2 mOhm
EPIC H-BE 16 Cage clamp
1.5 - 4 mOhm
Contacts
EPIC H-BE 16 Screw termination
Copper alloy, hard silver plated
EPIC H-BE 16 Crimp termination
Copper alloy, hard silver / gold
plated
EPIC H-BE 16 Cage clamp
Copper alloy, hard silver plated
Numbers of contacts
16 + PE
Termination methods
EPIC H-BE 16 Screw termination
Screw termination: 0.5 - 2.5 mm²
EPIC H-BE 16 Crimp termination
Crimp termination: 0.5 - 4.0 mm²
EPIC H-BE 16 Cage clamp
Cage clamp termination: 0.5
- 2.5 mm²
Cycle of mechanical operation
100
Range of temperature
-40°C - +100°C, temporary up
to +125°C
Part number
Part
Version
Type
Wire protection Contacts
L
L1
A
B
B1
H-BE 16 screw termination
10194000
H-BE 16 SS
male
yes
1 -16
84,5
77,5
71
10195000
H-BE 16 BS
female
yes
1 -16
84,5
77,5
71
10194100
H-BE 16 SS
male
1 -16
84,5
77,5
71
10195100
H-BE 16 BS
female
1 -16
84,5
77,5
71
H-BE 16 crimp termination
10184000
H-BE 16 SCM
male
machined
1 -16
84,5
77,5
71
33
18
10185000
H-BE 16 BCM
female
machined
1 -16
84,5
77,5
71
34
18
H-BE 16 cage clamp termination
10400200
H-BE 16 SF
male
1 -16
83,3
77,5
71
-
-
10401200
H-BE 16 BF
female
1 -16
83,3
77,5
71
-
-
VDE approval is not valid for applications using the cage clamp termination



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com