Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOM-5024P-HD-MB-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AOM-5024P-HD-MB-R
Description  Revised Frequency Range and Temperature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AOM-5024P-HD-MB-R Datasheet(HTML) 1 Page - PUI audio inc.

  AOM-5024P-HD-MB-R Datasheet HTML 1Page - PUI audio inc. AOM-5024P-HD-MB-R Datasheet HTML 2Page - PUI audio inc. AOM-5024P-HD-MB-R Datasheet HTML 3Page - PUI audio inc. AOM-5024P-HD-MB-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2021, PUI Audio Inc.
www.puiaudio.com
Data Sheet
AOM-5024P-HD-MB-R
Specifications
Parameters
Values
Units
Sensitivity (1 kHz @ 50cm)
0 dB=1V/Pa
-24 ±3
dB
Rated Voltage
3
VDC
Output Impedance (@ 1 kHz)
2.2
kΩ
Current consumption
(3VS with 2.2 kΩ RL)
500
µA
Signal-to-Noise Ratio
(1kHz, 94 dB input, A-weighted)
80
dB
Decreasing Voltage (3VS to 2VS)
-3
dB
Frequency Range
50 ~ 16,000
Hz
Operating Voltage Range
1 ~ 10
VDC
Maximum SPL Input (THD<3%)
110
dB
Directivity
Omni-directional
-
Operating Temperature
-20 ~ +60
°C
Storage Temperature
-40 ~ +70
°C
Weight
<0.3
Grams
Measurement Method (in Anechoic Chamber)


Similar Part No. - AOM-5024P-HD-MB-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AOM-5024L-HD-R PUIAUDIO-AOM-5024L-HD-R Datasheet
462Kb / 5P
9.7mm diameter
More results

Similar Description - AOM-5024P-HD-MB-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-2604-TF-LW115-24V-R PUI-AI-2604-TF-LW115-24V-R Datasheet
203Kb / 1P
REVISED RESONANT FREQUENCY
AI-4028-P-SP32-R PUI-AI-4028-P-SP32-R Datasheet
192Kb / 1P
REVISED VOLTAGE RANGE
AI-4033-TWT-R PUI-AI-4033-TWT-R Datasheet
191Kb / 1P
REVISED OPERATING & STORAGE TEMPERATURE
AI-4228-TF-LW140-C-R PUI-AI-4228-TF-LW140-C-R Datasheet
227Kb / 1P
REVISED TEMPERATURE SPECIFICATIONS
AI-4228-TF-LW140-R PUI-AI-4228-TF-LW140-R Datasheet
227Kb / 1P
REVISED PART No. AND DIMENSIONS
AI-4429-P-C12-R PUI-AI-4429-P-C12-R Datasheet
206Kb / 1P
REVISED OPERATING TEMPERATURE
AT-1803-T-LW50-R PUI-AT-1803-T-LW50-R Datasheet
255Kb / 1P
REVISED RESONANT FREQUENCY
logo
E-SWITCH
K200242 E-SWITCH-K200242 Datasheet
40Kb / 1P
REVISED AND REDRAWN
logo
Tyco Electronics
C-1513247 MACOM-C-1513247 Datasheet
82Kb / 1P
revised notes and te logo
logo
Golledge Electronics Lt...
VCXO2HV GOLLEDGE-VCXO2HV Datasheet
546Kb / 4P
High Frequency VCXO with Military Temperature Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com