Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOM-5024P-HD-MB-R Datasheet(PDF) 2 Page - PUI audio inc.

Part # AOM-5024P-HD-MB-R
Description  Revised Frequency Range and Temperature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AOM-5024P-HD-MB-R Datasheet(HTML) 2 Page - PUI audio inc.

  AOM-5024P-HD-MB-R Datasheet HTML 1Page - PUI audio inc. AOM-5024P-HD-MB-R Datasheet HTML 2Page - PUI audio inc. AOM-5024P-HD-MB-R Datasheet HTML 3Page - PUI audio inc. AOM-5024P-HD-MB-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2021, PUI Audio Inc.
www.puiaudio.com
Typical Frequency Response (measured at 50cm with 3V input and 94 dB source)
Reliability Testing
Type of Test
Test Specifications
High Temperature Test
200 hours at +70°C ± 3°C followed by two hours in
normal room temperature
Low Temperature Test
200 hours at -25°C ± 3°C followed by two hours in
normal room temperature
Humidity Test
200 hours at +40°C ± 3°C with relative humidity at
90% to 95% followed by 2 hours in normal room
temperature
Temperature Cycle Testing
30 minutes at -25°C, 10 minutes at 20°C, 30
minutes at +70°C, 10 minutes at 20°C for five
cycles, followed by 2 hours in normal room
temperature
Vibration Test
10 to 55 Hz for 1 minute with 1.52mm distance,
followed by a two hour 3 axis test in packaging
Drop Test
Drop microphones in packaging onto concrete
floor from 1 meter height in each of 3 axis
ESD Test (according to IEC 6100)
1. Contact discharge - Discharge 6000 VDC
from capacitor into microphone output
through 330Ω resistor ten times.
2. Air discharge - Discharge 8000 VDC into
sound hole of the microphone ten times.
After each test, the speaker’s SPL shall be ±3 dB of the original SPL
Dimensions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com